Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4736 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # 1N4736
Description  1W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N4736 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  1N4736 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N4736 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd 1N4736 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal
Zener
Voltage
Test
Current
Maximum
regulator
Current
Surge
current
1N4728
76
100
50
10
5
1380
1.0
276
69
1260
1.0
252
400
1.0
64
1190
1.0
234
58
1070
1.0
217
53
970
1.0
193
500
49
890
1.0
178
550
0.5
0.25
45
810
2.0
162
600
41
730
3.0
146
700
750
1000
1500
37
660
4.0
133
34
605
5.0
121
31
550
6.0
110
28
500
7.0
100
25
454
7.6
91
23
414
8.4
83
9
19
344
9.9
69
17
304
11.4
61
15.5
285
12.2
57
14
250
13.7
50
12.5
225
15.2
45
11.5
205
16.7
41
10.5
190
18.2
38
9.5
170
20.6
34
8.5
150
22.8
30
7.5
135
25.1
27
7.0
125
27.4
25
6.5
115
29.7
23
6.0
110
32.7
22
5.5
95
35.8
19
5.0
90
38.8
18
4.5
80
42.6
16
4.0
70
47.1
14
3.7
65
51.7
13
3.3
60
56.0
12
3.0
55
62.2
11
2.8
50
69.2
10
2.5
45
76.0
9
3000
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
1N4729
1N4730
1N4731
1N4732
1N4733
1N4734
1N4735
1N4736
1N4737
1N4738
1N4739
1N4740
1N4741
1N4742
1N4743
1N4744
1N4745
1N4746
1N4747
1N4748
1N4749
1N4750
1N4751
1N4752
1N4753
1N4754
1N4755
1N4756
1N4757
1N4758
1N4759
1N4760
1N4761
1N4762
1N4763
1N4764
Notes: 1) The Zener impedance is derived from the 1KHz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (I or I ) is
superimposed on I or I . Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature
3) Measured under thermal equilibrium and DC test conditions.
ZT
ZK
ZT
ZK
2)
1)
3)
9
10
10
9
8
7
5
2
3.5
4.0
4.5
5.0
7
8
10
14
16
20
22
23
25
35
40
45
50
60
70
80
95
110
125
150
175
200
250
350
21
380
9.1
76


Similar Part No. - 1N4736

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4736 SURGE-1N4736 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4736 CHENDA-1N4736 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Silicon Standard Corp.
1N4736 SSC-1N4736 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4736 DGNJDZ-1N4736 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4736 SEMTECH-1N4736 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4736

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N4727 JINGHENG-1N4727 Datasheet
125Kb / 4P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com