Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37979N1102J051 Datasheet(PDF) 10 Page - EPCOS

Part # B37979N1102J051
Description  Multilayer ceramic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37979N1102J051 Datasheet(HTML) 10 Page - EPCOS

Back Button B37979N1102J051 Datasheet HTML 6Page - EPCOS B37979N1102J051 Datasheet HTML 7Page - EPCOS B37979N1102J051 Datasheet HTML 8Page - EPCOS B37979N1102J051 Datasheet HTML 9Page - EPCOS B37979N1102J051 Datasheet HTML 10Page - EPCOS B37979N1102J051 Datasheet HTML 11Page - EPCOS B37979N1102J051 Datasheet HTML 12Page - EPCOS B37979N1102J051 Datasheet HTML 13Page - EPCOS B37979N1102J051 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Product range for leaded capacitors, C0G
Lead spacing
2.5 mm
5.0 mm
h x w x th
5.5
× 5.0 × 2.5
6.5
× 5.0 × 2.5
5.5
× 5.0 × 2.5
6.5
× 5.0 × 2.5
Type
B37979N
B37986N
B37979G
B37986G
CR \ VR (VDC)
50
100
50
100
50
100
50
100
10 pF
15 pF
22 pF
33 pF
47 pF
68 pF
100 pF
150 pF
220 pF
330 pF
470 pF
680 pF
1.0 nF
1.5 nF
2.2 nF
3.3 nF
4.7 nF
6.8 nF
10 nF
Multilayer ceramic capacitors
C0G
Page 5 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37979N1102J051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37979N1100J000 EPCOS-B37979N1100J000 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37979N1100J051 EPCOS-B37979N1100J051 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
B37979N1100J051 EPCOS-B37979N1100J051 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37979N1100J054 EPCOS-B37979N1100J054 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
B37979N1100J054 EPCOS-B37979N1100J054 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37979N1102J051

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com