Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5230 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # 1N5230
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N5230 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  1N5230 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N5230 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd 1N5230 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd 1N5230 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N5221
2.4
<30
<-0.085
<-0.085
<-0.080
<-0.080
1N5222
2.5
1N5223
2.7
1N5224
2.8
1N5225
3.0
<29
<-0.075
<1600
<50
<1200
<100
1N5226
3.3
<28
<-0.070
<1600
<25
<2
<1250
<100
1N5227
3.6
<24
<-0.065
<1700
<15
<1
<1300
<75
1N5228
3.9
<23
<-0.060
<1900
<10
1.0
2.0
2.0
<0.5
<1400
<75
1N5229
4.3
<22
<+0.055
<2000
5
3
1N5230
4.7
<19
<+0.030
<1900
1N5231
5.1
<17
<+0.030
<1600
1N5232
5.6
<11
<+0.038
3.0
<1600
1N5233
6.0
<7
<+0.038
3.5
<1600
1N5234
6.2
<7
<+0.045
4.0
<1000
1N5235
6.8
<5
<+0.050
5.0
<750
1N5236
7.5
<6
<+0.058
6.0
<500
1N5237
8.2
<8
<+0.062
6.5
<500
1N5238
8.7
<8
<+0.065
6.5
1N5239
9.1
<10
<+0.068
7.0
1N5240
10
<17
<+0.075
8.0
1N5241
11
<22
<+0.076
8.4
1N5242
12
<30
<+0.077
9.1
1N5243
13
<13
<+0.079
9.9
9.5
1N5244
14
<15
<+0.082
10
9.0
1N5245
15
<16
<+0.082
11
8.5
1N5246
16
<17
<+0.083
12
7.8
1N5247
17
<19
<+0.084
13
7.4
1N5248
18
<21
<+0.085
14
7.0
1N5249
19
<23
<+0.086
14
6.6
<600
0.25
20
VZNOM
V
V
IZT
I at V
RR
TKVz
mA
A
mA
Zener Voltage range
1)
2)
1)
3)
%/K
<0.1


Similar Part No. - 1N5230

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5230 SURGE-1N5230 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Zowie Technology Corpor...
1N5230 ZOWIE-1N5230 Datasheet
124Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Yangzhou yangjie electr...
1N5230 YANGJIE-1N5230 Datasheet
197Kb / 4P
   Zener Diodes
logo
Seme LAB
1N5230 SEME-LAB-1N5230 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Daya Electric Group Co....
1N5230 DAYA-1N5230 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5230

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com