Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57045K0103K000 Datasheet(PDF) 2 Page - EPCOS

Part # B57045K0103K000
Description  NTC thermistors for temperature measurement
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57045K0103K000 Datasheet(HTML) 2 Page - EPCOS

  B57045K0103K000 Datasheet HTML 1Page - EPCOS B57045K0103K000 Datasheet HTML 2Page - EPCOS B57045K0103K000 Datasheet HTML 3Page - EPCOS B57045K0103K000 Datasheet HTML 4Page - EPCOS B57045K0103K000 Datasheet HTML 5Page - EPCOS B57045K0103K000 Datasheet HTML 6Page - EPCOS B57045K0103K000 Datasheet HTML 7Page - EPCOS B57045K0103K000 Datasheet HTML 8Page - EPCOS B57045K0103K000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Applications
Temperature compensation, measurement
and control (chassis mounting)
Features
Cost-effective
Good thermal coupling through screw-type
case (thread M3)
Electrically isolated aluminum case
Tinned copper leads
Options
Tighter resistance tolerance available on
request.
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 1 g
General technical data
Climatic category
(IEC 60068-1)
55/125/56
Max. power
(at 25
°C)
P25
450
mW
Resistance tolerance
∆R
R/RR
±10
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 9
mW/K
Dissipation factor
(on chassis)
δ
th
approx. 20
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 75
s
Thermal cooling time constant
(on chassis)
τ
c
approx. 15
s
Torque
approx. 0.5
Nm
Insulation resistance
(V = 100 V DC)
Rins
> 100
M
Test voltage
(t = 1 s)
Vtest
2500
V AC
Temperature measurement
B57045K
Probe assemblies
K45
Page 2 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57045K0103K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57045K0103K000 EPCOS-B57045K0103K000 Datasheet
54Kb / 3P
   Temperature compensation (chassis mounting)
B57045K0103K000 EPCOS-B57045K0103K000 Datasheet
214Kb / 13P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57045K0103K000 TDK-B57045K0103K000 Datasheet
245Kb / 11P
   NTC thermistors for temperature measurement
More results

Similar Description - B57045K0103K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com