Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57500K Datasheet(PDF) 3 Page - EPCOS

Part # B57500K
Description  NTC thermistors for temperature measurement
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57500K Datasheet(HTML) 3 Page - EPCOS

  B57500K Datasheet HTML 1Page - EPCOS B57500K Datasheet HTML 2Page - EPCOS B57500K Datasheet HTML 3Page - EPCOS B57500K Datasheet HTML 4Page - EPCOS B57500K Datasheet HTML 5Page - EPCOS B57500K Datasheet HTML 6Page - EPCOS B57500K Datasheet HTML 7Page - EPCOS B57500K Datasheet HTML 8Page - EPCOS B57500K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
General technical data
Climatic category
(IEC 60068-1)
30/100/56
Max. power
(at 25
°C)
P25
60
mW
Resistance tolerance
∆R
R/RR
±3
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 7
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 130
s
Thermal time constant
(in water)
τ
a
approx. 8
s
Heat capacity
Cth
approx. 900
mJ/K
Insulation resistance
(V = 100 V DC)
Rins
> 100
M
Test voltage
(t = 1 s)
Vtest
1.5
kV AC
Electrical specification and ordering codes
Type
AWG
R25
No. of R/T
characteristic
B25/100
K
Ordering code
K500
26
10 k
8016
3988
±0.5% B57500K0103A001
K501
24
6.8 k
8016
3988
±0.5% B57501K0682A002
Temperature measurement
B57500K, B57501K
Probe assemblies
K500/K501
Page 3 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57500K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
   Evaporator sensor for air conditioning systems
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
   Probe assemblies
More results

Similar Description - B57500K

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com