Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37987M1473K054 Datasheet(PDF) 7 Page - EPCOS

Part # B37987M1473K054
Description  Multilayer ceramic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37987M1473K054 Datasheet(HTML) 7 Page - EPCOS

Back Button B37987M1473K054 Datasheet HTML 3Page - EPCOS B37987M1473K054 Datasheet HTML 4Page - EPCOS B37987M1473K054 Datasheet HTML 5Page - EPCOS B37987M1473K054 Datasheet HTML 6Page - EPCOS B37987M1473K054 Datasheet HTML 7Page - EPCOS B37987M1473K054 Datasheet HTML 8Page - EPCOS B37987M1473K054 Datasheet HTML 9Page - EPCOS B37987M1473K054 Datasheet HTML 10Page - EPCOS B37987M1473K054 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X7R
Ordering code system
B37981M
1
101
J
0
54
Type and size
With radial leads
Temperature characteristic
EIA standards
X7R
Lead spacing 2.5 mm
5.5
× 5.0 × 2.5 B37981M
6.5
× 5.0 × 2.5 B37987M
Lead spacing 5.0 mm
5.5
× 5.0 × 2.5 B37981F
6.5
× 5.0 × 2.5 B37987F
9.0
× 7.5 × 2.5 B37984M
Rated voltage
5 (Code)
50 VDC
1 (Code)
100 VDC
Capacitance, coded (example)
101
10
101 pF = 100 pF
222
22
102 pF = 2.2 nF
473
47
103 pF = 47 nF
Capacitance tolerance
K
±10% (standard for X7R)
M
±20%
Internal coding
Packaging
51
cardboard tape, reel packing (360-mm reel)
54
Ammo packing (standard)
00
bulk
Multilayer ceramic capacitors
Leaded
X7R
Page 2 of 12
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37987M1473K054

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37987M1473K054 EPCOS-B37987M1473K054 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37987M1473K054

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com