Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA3035-GC02EDC Datasheet(PDF) 1 Page - Emcore Corporation

Part # PONA3035-GC02EDC
Description  Erbium Doped Fiber Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA3035-GC02EDC Datasheet(HTML) 1 Page - Emcore Corporation

  PONA3035-GC02EDC Datasheet HTML 1Page - Emcore Corporation PONA3035-GC02EDC Datasheet HTML 2Page - Emcore Corporation PONA3035-GC02EDC Datasheet HTML 3Page - Emcore Corporation PONA3035-GC02EDC Datasheet HTML 4Page - Emcore Corporation PONA3035-GC02EDC Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
PRELIMINARY DATA SHEET | MARCH 21, 2008
For more information on this and other products:
Contact EMCORE sales at 626-293-3400, or visit www.emcore.com.
Applications
High Performance Supertrunking Links
High Power Distribution Networks
Fiber Deep Architectures
FTTx Networks
Features
Full Function High Power Fiber Optic
Amplifier Ready for Integration
Low Noise Figure (Typ < 6 dB)
Total Input Power Range: –10 dBm to
+12 dBm
Total Output Power: +27 dBm to
+35 dBm (Optical Output Power
Splitter is Optional For These Units)
Standard RS-232 Communications
Low Electrical Power Consumption
Input / Output Isolation > 40/40 dB
Polarization Dependant Gain < 0.1 dB
Polarization Mode Dispersion < 0.5 ps
The EMCORE PONA 3000 Series Fiber Optical Amplifier Module is an
ideal building block for OEM system integrators. The family of PONA
3000 Optical Amplifiers is designed to meet the most demanding noise
performance requirements of CATV and FTTx applications, and
performs all the functions required of an optical amplifier for system
integration. Packaged in a convenient 2RU housing, the PONA 3000
series optical amplifiers provide optical isolation on the input and output
of the gain block for stable, low noise operation. The input and output
optical signal power levels are detected for monitoring and control. The
input optical signal is amplified with active gain control for a constant
output power level, or with active output power control for constant gain
mode. The PONA 3000 series optical amplifiers also provide
monitoring functions and associated alarms for all vital characteristics.
The optical output of the PONA 3000 series optical amplifiers can be
split into number of ports by an optional internal splitter.
PONA3000 series includes AC/DC power supply, front panel, optical
splitters, network card and all necessary connectors.
PONA 3000 Series Erbium Doped Fiber Amplifier


Similar Part No. - PONA3035-GC02EDC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA3035-GC-01-E-AC EMCORE-PONA3035-GC-01-E-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3035-GC-01-E-DC EMCORE-PONA3035-GC-01-E-DC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3035-GC-01-P-AC EMCORE-PONA3035-GC-01-P-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3035-GC-01-P-DC EMCORE-PONA3035-GC-01-P-DC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3035-GC-02-E-AC EMCORE-PONA3035-GC-02-E-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
More results

Similar Description - PONA3035-GC02EDC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com