Electronic Components Datasheet Search |
|
B37987F5224K000 Datasheet(PDF) 7 Page - EPCOS |
|
B37987F5224K000 Datasheet(HTML) 7 Page - EPCOS |
7 / 17 page X7R Ordering code system B37981M 1 101 J 0 54 Type and size With radial leads Temperature characteristic EIA standards X7R Lead spacing 2.5 mm 5.5 × 5.0 × 2.5 B37981M 6.5 × 5.0 × 2.5 B37987M Lead spacing 5.0 mm 5.5 × 5.0 × 2.5 B37981F 6.5 × 5.0 × 2.5 B37987F 9.0 × 7.5 × 2.5 B37984M Rated voltage 5 (Code) 50 VDC 1 (Code) 100 VDC Capacitance, coded (example) 101 10 101 pF = 100 pF 222 22 102 pF = 2.2 nF 473 47 103 pF = 47 nF Capacitance tolerance K ±10% (standard for X7R) M ±20% Internal coding Packaging 51 cardboard tape, reel packing (360-mm reel) 54 Ammo packing (standard) 00 bulk Multilayer ceramic capacitors Leaded X7R Page 2 of 12 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B37987F5224K000 |
|
Similar Description - B37987F5224K000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |