Electronic Components Datasheet Search |
|
B37941R9100K043 Datasheet(PDF) 4 Page - EPCOS |
|
B37941R9100K043 Datasheet(HTML) 4 Page - EPCOS |
4 / 15 page 1) Note: No operation on AC line. 2) For CR >10 nF the time constant τ = C R ins is given. 3) Refer to chapter "General technical information", "Ageing". Features Reduction of mounting time and mounting costs Space saving on the PCB Based on AEC-Q200 Rev-C Applications Suitable for electronic circuits with parallel line layout Decoupling Coupling Blocking Interference suppression Termination Nickel barrier terminations (Ni) for lead-free soldering Options Alternative capacitance values and tolerances available on request Delivery mode Cardboard and blister tape, 180-mm and 330-mm reel available Electrical data Temperature characteristic X7R Max. relative capacitance change within 55 ... +125 °C ∆C/C ±15 % Climatic category (IEC 60068-1) 55/125/56 Standard EIA Dielectric Class 2 Rated voltage1) VR 16, 25, 50 VDC Test voltage Vtest 2.5 VR/5 s VDC Capacitance range CR 1 nF ... 33 nF Dissipation factor (limit value) tan δ < 25 10-3 (limit value) tan δ < 35 10-3 for 16 V Insulation resistance2) (at +25 °C) Rins > 105 M Ω Insulation resistance2) (at +125 °C) Rins > 104 M Ω Time constant2) (at +25 °C) τ > 1000 s Time constant2) (at +125 °C) τ > 100 s Operating temperature range Top 55 ... +125 °C Ageing3) yes Multilayer ceramic capacitors X7R Page 3 of 14 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B37941R9100K043 |
|
Similar Description - B37941R9100K043 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |