Electronic Components Datasheet Search |
|
B37981M1222K051 Datasheet(PDF) 8 Page - EPCOS |
|
B37981M1222K051 Datasheet(HTML) 8 Page - EPCOS |
8 / 17 page 1) Note: No operation on AC line. 2) For CR >10 nF the time constant τ = C R ins is given. 3) Refer to chapter "General technical information", "Ageing". Features High volumetric efficiency Non-linear capacitance change High insulation resistance High pulse strength Applications Blocking Coupling and decoupling Interference suppression Termination Parallel wire leads, iron-nickel, tinned Crimped leads Non-standard lead lengths on request Marking Rated capacitance, tolerance, manufacturer’s logo, ceramic material, voltage Options Alternative capacitance values and tolerances available on request Delivery mode Cardboard tape in Ammo packing (standard) Cardboard tape on 360-mm reel or bulk on request Electrical data Temperature characteristic X7R Max. relative capacitance change within 55 ... +125 °C ∆C/C ±15 % Climatic category (IEC 60068-1) 55/125/56 Standard EIA Dielectric Class 2 Rated voltage1) VR 50, 100 VDC Test voltage Vtest 2.5 VR/5 s VDC Capacitance range / E series CR 470 pF ... 1 µF Dissipation factor (limit value) tan δ < 25 10-3 Insulation resistance2) (at +25 °C) Rins > 105 M Ω Insulation resistance2) (at +125 °C) Rins > 104 M Ω Time constant2) (at +25 °C) τ > 1000 s Time constant2) (at +125 °C) τ > 100 s Operating temperature range Top 55 ... +125 °C Ageing3) yes Multilayer ceramic capacitors X7R Page 3 of 12 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B37981M1222K051 |
|
Similar Description - B37981M1222K051 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |