Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q16.0-JXS22-12-10 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # Q16.0-JXS22-12-10
Description  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q16.0-JXS22-12-10 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  Q16.0-JXS22-12-10 Datasheet HTML 1Page - Jauch Quartz Gmbh Q16.0-JXS22-12-10 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Quartz Crystal • JXE 63
General Data
Frequency Stability vs. Temperature
ESR (series resistance Rs)
SMD Quartz Crystal · JXS22
JXS22
16.0 ~ 50.0 MHz
(fund. AT-cut)
± 10 ppm / ± 30 ppm
12 pF standard
(option: 8 pF ~ 30 pF / series)
< 5 pF
-40 °C ~ +90 °C
100 µW
(10 µW recommended)
< ± 3 ppm first year
(< ± 1 ppm for tol. ± 10 ppm)
actual size
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
Marking
frequency with load capacitance code
company code / date code / internal code
date code:
year/month
example:
8A = 2008 January
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in
Ω
in
Ω
16.0 ~ 18.999
fund. - AT
80
50
19.0 ~ 21.999
fund. - AT
80
40
22.0 ~ 24.999
fund. - AT
70
35
25.0 ~ 29.999
fund. - AT
60
30
30.0 ~ 39.999
fund. - AT
50
25
40.0 ~ 50.000
fund. - AT
50
20
± 10 ppm
± 15 ppm
± 20 ppm
± 30 ppm
± 50 ppm
OO
O
OOO
standard
O
available
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
FU = for fundamental frequencies ≥ 20 MHz
Order Information
Example: Q 28.0-JXS22-12-30/30-FU
(Suffix LF = RoHS compliant / Pb free pins or pads)
Q
frequency
type
load capacitance
Quartz
16.0 ~ 50.0 MHz
JXS22
12 pF standard
8 pF ~ 30 pF
S for series
10 = ± 10 ppm
30 = ± 30 ppm
see table
option
stability at
25 °C
stability vs.
temp. range
#4
#3
#1
#2
#1
#2
#3
#4
2.5±0.1
0.95 ±0.1
1.2±0.1
1.7±0.1
#2
#1
#4
#3
Dimensions
in mm
top view
side view
bottom view
crystal connection
pad layout
#2 - #4: connected to lid
4 Pad Version
· 2.5 x 2.0 mm
± 10 ppm type available
EMI shielding possible by grounded lid
reflow soldering temperature: 260 °C max.
ceramic / metal package
220908


Similar Part No. - Q16.0-JXS22-12-10

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q16.0-JXS32-12-10 JAUCH-Q16.0-JXS32-12-10 Datasheet
147Kb / 2P
   SMD Quartz Crystal
Q16.0-JXS32-12-30 JAUCH-Q16.0-JXS32-12-30 Datasheet
147Kb / 2P
   SMD Quartz Crystal
Q16.0-JXS75-12-10 JAUCH-Q16.0-JXS75-12-10 Datasheet
118Kb / 2P
   SMD Quartz Crystal
Q16.0-JXS75-12-30 JAUCH-Q16.0-JXS75-12-30 Datasheet
118Kb / 2P
   SMD Quartz Crystal
More results

Similar Description - Q16.0-JXS22-12-10

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com