Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA3035-SC08P2DC Datasheet(PDF) 3 Page - Emcore Corporation

Part # PONA3035-SC08P2DC
Description  Erbium Doped Fiber Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA3035-SC08P2DC Datasheet(HTML) 3 Page - Emcore Corporation

  PONA3035-SC08P2DC Datasheet HTML 1Page - Emcore Corporation PONA3035-SC08P2DC Datasheet HTML 2Page - Emcore Corporation PONA3035-SC08P2DC Datasheet HTML 3Page - Emcore Corporation PONA3035-SC08P2DC Datasheet HTML 4Page - Emcore Corporation PONA3035-SC08P2DC Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
PRELIMINARY DATA SHEET | MARCH 21, 2008
For more information on this and other products:
Contact EMCORE sales at 626-293-3400, or visit www.emcore.com.
Block Diagram: Cladding Pump Technology
Cladding pump technology uses erbium/ytterbium fiber optic assemblies (double clad fiber and
multi-mode pump lasers) to produce cost effective high power optical amplification. This technology
enables the development of higher power EDFAs-something that is cost prohibitive when using
standard erbium fiber and single mode pumps.
Sample FTTx Architecture
980 nm
pump
Output
Monitor
Input
monitor
Multi-mode
pumps
Drive
Electronics
Er
Er/Yb Assembly
Input
Hybrid
Filter / Isolator
Isolator
1% Tap
980 nm
pump
Output
Monitor
Input
monitor
Multi-mode
pumps
Drive
Electronics
Er
Er/Yb Assembly
Input
Hybrid
Filter / Isolator
Isolator
1% Tap
ONT
EDFA
20 outputs of 20
dBm
WDM
RF
OLT
Homes
Businesses
Multi
Dwelling Units
Splitter
ONT
Video
1490nm
1310nm
1550nm
20 Km
1550nm
Tx
- Voice
- Data
- Video
Data
Voice
Splitter
Splitter
Splitter
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
EDFA
20 outputs of 20
dBm
WDM
RF
OLT
Homes
Businesses
Multi
Dwelling Units
Splitter
ONT
ONT
Video
Video
1490nm
1310nm
1550nm
20 Km
1550nm
Tx
- Voice
- Data
- Video
Data
Data
Voice
Voice
Splitter
Splitter
Splitter
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT
ONT


Similar Part No. - PONA3035-SC08P2DC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA3035-SC-01-E-AC EMCORE-PONA3035-SC-01-E-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3035-SC-01-E-DC EMCORE-PONA3035-SC-01-E-DC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3035-SC-01-P-AC EMCORE-PONA3035-SC-01-P-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3035-SC-01-P-DC EMCORE-PONA3035-SC-01-P-DC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3035-SC-02-E-AC EMCORE-PONA3035-SC-02-E-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
More results

Similar Description - PONA3035-SC08P2DC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com