Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP10B Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # GP10B
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

GP10B Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  GP10B Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd GP10B Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP10A THRU GP10M
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current -1.0Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: JEDEC DO-41 molded plastic body
Terminals: Lead solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012ounce, 0.33 gram
(Ratings at 25 C ambient temperature unless otherwise specified )
GPRC( Glass Passivated Rectifier Chip) inside
Glass passivated cavity-free junction
Capable of meeting environmental standards of MIL-S-19500
1.0Ampere operation at Ta=75
and 55
with no thermal runaway
Typical IR less than 0.1uA
High temperature soldering guaranteed:260 /10 seconds
Plastic Package has Under writers Laboratory Flammability Classtification 94V-0
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm)lead length,
P.C.B. mounted
Maximum Recurrent Peak Reverse Voltage
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
VRRM
Volts
Volts
Volts
Volts
A
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
R JA
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Blocking Voltage temperature
Maximum average Forward Rectified Current
0.375"(9.5mm) lead length at TA=75 C
Maximum Instantaneous Forward Voltage
at 1.0 A
T =25 C
T =100 C
A
A
Typical Thermal resistance (Note 2)
Typical Junction Capacitance(Note 1)
Maximum Reverse
current at rated DC Blocking
Voltage
Peak Forward Surge Current (8.3ms half sine-
wave superimposed on rated load
(JEDEC method) TA=75 C
1.0
30.0
10.0
+150
5.0
55.0
50.0
1.0
P
F
C/W
C
C
CJ
TJ
TA
-50 to+175
R JL
25.0
Operating and Storage temperature Range
DO-41
Dimensions in inches and (millimeters)
0.205(5.20)
0.107(2.7)
0.034(0.85)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.180(4.10)
0.080(2.0)
DIA
0.028(0.71)
DIA
SEMICONDUCTOR
GP
10A
GP
10B
GP
10D
GP
10G
GP
10J
GP
10K
GP
10M
Symbols
Unis
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
7-10
GP
RC


Similar Part No. - GP10B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10B ZOWIE-GP10B Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10B GE-GP10B Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP10B MCC-GP10B Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Vishay Siliconix
GP10B VISHAY-GP10B Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
logo
First Components Intern...
GP10B FCI-GP10B Datasheet
144Kb / 2P
   1.0 Amp MEGARECTIFIERS Mechanical Dimensions
More results

Similar Description - GP10B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com