Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX7-3.3V Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # VX7-3.3V
Description  Programmed SMD Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

VX7-3.3V Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  VX7-3.3V Datasheet HTML 1Page - Jauch Quartz Gmbh VX7-3.3V Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jitter Reference Data
3.3 V version, 15 pF
frequency
1 sigma
peak-peak
in MHz
RMS in ps
in ps
8.0000
50
200
16.0000
41
160
32.0000
42
170
50.0000
13
70
106.250
27
125
125.000
21
100
155.520
27
130
200.000
40
150
Programmed Oscillator · VX7
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
Marking
J / date code
date code:
A ~ M: Jan.- Dec.
9: 2009
0: 2010
1: 2011
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.co.uk / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.8 VDC)
active
low ”0” (VIL ≤ 0.2 VDC)
high impedance
stop function:
tristate function:
• oscillator stops
• oscillator active
• output high impedance
• output high impedance
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note


Similar Part No. - VX7-3.3V

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VX7-3XXH QUARTZCOM-VX7-3XXH Datasheet
82Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
More results

Similar Description - VX7-3.3V

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JPO53-3.3V JAUCH-JPO53-3.3V Datasheet
178Kb / 2P
   Programmed SMD CMOS Oscillator
JPO32-3.3V JAUCH-JPO32-3.3V Datasheet
171Kb / 2P
   Programmed SMD CMOS Oscillator
JPO22-3.3V JAUCH-JPO22-3.3V Datasheet
173Kb / 2P
   Programmed SMD CMOS Oscillator
JPO75-3.3V JAUCH-JPO75-3.3V Datasheet
165Kb / 2P
   Programmed SMD CMOS Oscillator
logo
List of Unclassifed Man...
8089 ETC-8089 Datasheet
856Kb / 4P
   DIGITALLY PROGRAMMED AMPLIFIER
logo
EUROQUARTZ limited
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL53 EUROQUARTZ-XOPL53 Datasheet
74Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
logo
Fox Electronics
FSS72 FOX-FSS72 Datasheet
215Kb / 3P
   SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com