Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20P18 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST20P18
Description  16K 8-bit Single Chip Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST20P18 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST20P18 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 12Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ST20P18
Ver 1.4
8/12
6/13/07
8
8.. A
Ap
pp
plliic
ca
attiio
on
n C
Ciirrc
cu
uiitts
s
8.1
APPLICATION CIRCUIT UNDER 3V OPERATING VOLTAGE
VDD
: 3V
Clock
: 32768Hz crystal and 4.0MHz RC oscillator
LCD
: 1/8 duty
I/O
: PORT A
ALARM
: PSGO, PSGOB
FIGURE 8-1: APPLICATION CIRCUIT WITHOUT LCD KEYBOARD AWAKING PULSE


Similar Part No. - ST20P18

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST20P16 SITRONIX-ST20P16 Datasheet
301Kb / 10P
   16K 8-bit Single Chip Microcontroller
More results

Similar Description - ST20P18

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST20P16 SITRONIX-ST20P16 Datasheet
301Kb / 10P
   16K 8-bit Single Chip Microcontroller
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com