Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2201U Datasheet(PDF) 4 Page - Sitronix Technology Co., Ltd.

Part # ST2201U
Description  Integrated Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2201U Datasheet(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST2201U Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ST2201U
Ver 0.4
Page 4/12
2009/08/17
3
SIGNAL DESCRIPTIONS
Description
PAD #
Name
Function1
Function2
Function3
1
TEST1
Test pin
2
A16
Address[16]
3
PL0
Port L[0]
d[0] of lcd driver
4
PL1
Port L[1]
d[1] of lcd driver
5
PL2
Port L[2]
d[2] of lcd driver
6
PL3
Port L[3]
d[3] of lcd driver
7
PL4
Port L[4]
cp of lcd dricer
8
PL5
Port L[5]
ac of lcd driver
9
PL6
Port L[6]
lp1 of lcd dricer
10
PL7
Port L[7]
flm of lcd driver
11
POFFB
Lcd pin, connect to the /POFF pin of LCD
driver
12
BLANKB
Lcd pin, connect to the /Blank pin of LCD
driver
13
USB_TEST test pin
14
PB0
Port B[0]
cs1
15
PB1
Port B[1]
cs2
16
PB2
Port B[2]
cs3
17
PB3
Port B[3]
tco, timer0
output
18
PB4
Port B[4]
led[0]
19
PB5
Port B[5]
led[1]
20
PB6
Port B[6]
led[2]
21
PB7
Port B[7]
led[3]
22
USBVSS
USB pins
23
PULLR
D+ pull-up control;
connect a 1.5K Ohm resistor to D+ pin
24
D+
D+ pin of USB function
25
D-
D- pin of USB function
26
USBVDD
AVDD for USB
27
PLLVSS
GND for USB VCO
28
PLLVDD
VDD for USB VCO


Similar Part No. - ST2201U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
ST220100L2KI VISHAY-ST220100L2KI Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
ST220100L2KIE3 VISHAY-ST220100L2KIE3 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
ST220100L2KX VISHAY-ST220100L2KX Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
ST220100L2KXE3 VISHAY-ST220100L2KXE3 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
More results

Similar Description - ST2201U

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST2608B SITRONIX-ST2608B Datasheet
636Kb / 34P
   8-bit Integrated Microcontroller
ST2604B SITRONIX-ST2604B Datasheet
654Kb / 33P
   8-bit Integrated Microcontroller
ST2602B SITRONIX-ST2602B Datasheet
591Kb / 34P
   8-bit Integrated Microcontroller
ST2601B SITRONIX-ST2601B Datasheet
619Kb / 35P
   8-bit Integrated Microcontroller
logo
Winbond
W81E381 WINBOND-W81E381 Datasheet
695Kb / 63P
   FULL SPEED USB INTEGRATED MICROCONTROLLER
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
List of Unclassifed Man...
TMP86FS49 ETC1-TMP86FS49 Datasheet
107Kb / 1P
   Highly Integrated 8-Bit Flash Microcontroller
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
   CMOS 16-bit highly integrated microcontroller
1999 Sep 24
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com