Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2604B Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST2604B
Description  8-bit Integrated Microcontroller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2604B Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST2604B Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ST2604B
6/33
TABLE 4-2 Signal Function Groups (continued)
Function Group
Pad No.
Designation
Description
External
clock/signal
interrupt
INTX/PC0
External interrupt inputs
Clocking output
BCO/PE2/SEG50 ,
TCO1/PE1/SEG49 ,
TCO0/PE0/SEG48
Clocking outputs / LCD Segment drivers
GPIO / LCD drivers
PE7~3/SEG55~SEG51
PL7~0/SEG63~SEG56
I/O port E/ LCD Segment drivers
I/O port L/ LCD Segment drivers
LCD control
signals (for
controller mode)
BLANK/COM0,
POFF/COM1,
FLM/COM2,
LOAD1/COM3,
LOAD2/COM4,
AC/COM5,CP/COM6,
EIO/COM7,
LD7~LD0/COM15/COM8
LCD control signals
LCD voltage
source
Vout, Vlcd, V1, V2, V3, V4
LCD voltage sources
LCD voltage
booster
C1+, C1-, C2+, C2-
Connect a 0.1 uF between C1+ and C1-, C2+ and C2-
repectively.
Low Voltage
Detector
VIN
Analog input pin of Low Voltage Dector module


Similar Part No. - ST2604B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST2600C IRF-ST2600C Datasheet
156Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2600CR IRF-ST2600CR Datasheet
76Kb / 6P
   Double side cooling
logo
Sitronix Technology Co....
ST2601B SITRONIX-ST2601B Datasheet
619Kb / 35P
   8-bit Integrated Microcontroller
logo
STMicroelectronics
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Inchange Semiconductor ...
ST26025A ISC-ST26025A Datasheet
144Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Similar Description - ST2604B

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST2608B SITRONIX-ST2608B Datasheet
636Kb / 34P
   8-bit Integrated Microcontroller
ST2602B SITRONIX-ST2602B Datasheet
591Kb / 34P
   8-bit Integrated Microcontroller
ST2601B SITRONIX-ST2601B Datasheet
619Kb / 35P
   8-bit Integrated Microcontroller
logo
List of Unclassifed Man...
TMP86FS49 ETC1-TMP86FS49 Datasheet
107Kb / 1P
   Highly Integrated 8-Bit Flash Microcontroller
ST2202 ETC-ST2202 Datasheet
1Mb / 65P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
   8 BIT Integrated Microcontroller with 32K Bytes RAM
ST2204 SITRONIX-ST2204 Datasheet
684Kb / 24P
   8 BIT Integrated Microcontroller with 512K Bytes ROM
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com