Electronic Components Datasheet Search |
|
16910A Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard) |
|
16910A Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard) |
10 / 35 page 10 Agilent 16910A and 16911A Specifications and Characteristics Timing (Asynchronous) Analysis Mode Conventional Timing Transitional Timing [8] Sample rate on all channels 500 MHz 500 MHz Sample rate in half channel mode 1000 MHz N/A Number of channels 16910A: 102 x (number of modules) 16910A: For sample rates < 500 MHz: 102 x (number of modules) For 500 MHz sample rate: 102 x (number of modules) – 34 16911A: 68 x (number of modules) 16911A: For sample rates < 500 MHz: 68 x (number of modules) For 500 MHz sample rate: 68 x (number of modules) – 34 Maximum channels on a single time 16910A: 510 16910A: 510 base and trigger 16911A: 340 16911A: 340 Number of independent analyzers [5] 2 2 Sample period (half channel) 1.0 ns N/A Minimum sample period (full channel) 2.0 ns 2.0 ns Minimum data pulse width 1 sample period + 1.0 ns 1 sample period + 1.0 ns Time interval accuracy ± (1 sample period + 1.25 ns + 0.01% of ± (1 sample period + 1.25 ns + 0.01% of time interval reading) time interval reading) Memory depth in full channel mode Option 256: 256 K samples Option 256: 256 K samples (Option 256 is included in base price) Option 001: 1 M samples Option 001: 1 M samples Option 004: 4 M samples Option 004: 4 M samples Option 016: 16 M samples Option 016: 16 M samples Option 032: 32 M samples Option 032: 32 M samples Memory depth in half channel mode Option 256: 512 K samples N/A (Option 256 is included in base price) Option 001: 2 M samples Option 004: 8 M samples Option 016: 32 M samples Option 032: 64 M samples Maximum trigger sequence speed 250 MHz 250 MHz Maximum trigger sequence levels 16 16 [5] Independent analyzers may be either state or timing. When the 500 Mb/s state mode is selected, only one analyzer may be used. [8] Transitional timing speed and memory depth are halved unless a spare pod pair (34 channels) is unassigned. |
Similar Part No. - 16910A |
|
Similar Description - 16910A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |