Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16911A Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 16911A
Description  Logic Analyzer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

16911A Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 16911A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 9Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 10Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 11Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 12Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 13Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
Agilent 16910A and 16911A Specifications and Characteristics
Timing (Asynchronous) Analysis Mode
Conventional Timing
Transitional Timing [8]
Sample rate on all channels
500 MHz
500 MHz
Sample rate in half channel mode
1000 MHz
N/A
Number of channels
16910A: 102 x (number of modules)
16910A: For sample rates < 500 MHz:
102 x (number of modules)
For 500 MHz sample rate:
102 x (number of modules) – 34
16911A: 68 x (number of modules)
16911A: For sample rates < 500 MHz:
68 x (number of modules)
For 500 MHz sample rate:
68 x (number of modules) – 34
Maximum channels on a single time
16910A: 510
16910A: 510
base and trigger
16911A: 340
16911A: 340
Number of independent analyzers [5]
2
2
Sample period (half channel)
1.0 ns
N/A
Minimum sample period (full channel)
2.0 ns
2.0 ns
Minimum data pulse width
1 sample period + 1.0 ns
1 sample period + 1.0 ns
Time interval accuracy
± (1 sample period + 1.25 ns + 0.01% of
± (1 sample period + 1.25 ns + 0.01% of
time interval reading)
time interval reading)
Memory depth in full channel mode
Option 256: 256 K samples
Option 256: 256 K samples
(Option 256 is included in base price)
Option 001: 1 M samples
Option 001: 1 M samples
Option 004: 4 M samples
Option 004: 4 M samples
Option 016: 16 M samples
Option 016: 16 M samples
Option 032: 32 M samples
Option 032: 32 M samples
Memory depth in half channel mode
Option 256: 512 K samples
N/A
(Option 256 is included in base price)
Option 001: 2 M samples
Option 004: 8 M samples
Option 016: 32 M samples
Option 032: 64 M samples
Maximum trigger sequence speed
250 MHz
250 MHz
Maximum trigger sequence levels
16
16
[5] Independent analyzers may be either state or timing. When the 500 Mb/s state mode is selected, only one analyzer may be used.
[8] Transitional timing speed and memory depth are halved unless a spare pod pair (34 channels) is unassigned.


Similar Part No. - 16911A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1691 ETC2-1691 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Heyco.
1691 HEYCO-1691 Datasheet
117Kb / 1P
   Thin Panel Dome Plugs
1691 HEYCO-1691 Datasheet
112Kb / 1P
   Shorty Plugs
logo
ERNI Electronics
169127 ERNI-169127 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
169128 ERNI-169128 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 16911A

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
logo
Pepperl+Fuchs Inc.
VAZ-ZPA-ANALYZER PF-VAZ-ZPA-ANALYZER Datasheet
198Kb / 2P
   Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com