Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1088 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA1088
Description  23 - 29 GHz High Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1088 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA1088 Datasheet HTML 1Page - TriQuint Semiconductor TGA1088 Datasheet HTML 2Page - TriQuint Semiconductor TGA1088 Datasheet HTML 3Page - TriQuint Semiconductor TGA1088 Datasheet HTML 4Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TriQuint Semiconductor Texas : (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
3
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
Jumper
.01uF
100pF
Vg
.01uF
100pF
Vd
Rf out
Rf in
TGA1088 Bias Connection for High Saturated Power Mode


Similar Part No. - TGA1088

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1081 TRIQUINT-TGA1081 Datasheet
345Kb / 3P
   26-29 GHz Medium Power Amplifier
TGA1081-EPU TRIQUINT-TGA1081-EPU Datasheet
345Kb / 3P
   26-29 GHz Medium Power Amplifier
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
More results

Similar Description - TGA1088

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9070 TRIQUINT-TGA9070 Datasheet
201Kb / 7P
   23 - 29 GHz High Power Amplifier
TGA1081 TRIQUINT-TGA1081 Datasheet
345Kb / 3P
   26-29 GHz Medium Power Amplifier
logo
Alpha Industries
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
   27-29 GHz GaAs MMIC Power Amplifier
logo
TriQuint Semiconductor
TGA4537-SM TRIQUINT-TGA4537-SM_15 Datasheet
1Mb / 14P
   29 to 35 GHz 1W Power Amplifier
logo
Alpha Industries
AA032P1-A4 ALPHA-AA032P1-A4 Datasheet
649Kb / 4P
   29-32 GHz Surface Mount Medium Power Amplifier
logo
Fairchild Semiconductor
RMPA29200 FAIRCHILD-RMPA29200 Datasheet
256Kb / 10P
   29-31 GHZ 2 Watt Power Amplifier MMIC
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Alpha Industries
AA022P1-00 ALPHA-AA022P1-00 Datasheet
139Kb / 2P
   18-23 GHz GaAs MMIC Power Amplifier
AA026P1-00 ALPHA-AA026P1-00 Datasheet
98Kb / 2P
   25-29 GHz GaAs MMIC Driver Amplifier
logo
TriQuint Semiconductor
TGA4510 TRIQUINT-TGA4510_15 Datasheet
646Kb / 9P
   29 to 37 GHz Compact Driver Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com