Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4411A Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # L4411A
Description  Leading the Industry in High-Performance System Test
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

L4411A Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  L4411A Datasheet HTML 1Page - Agilent(Hewlett-Packard) L4411A Datasheet HTML 2Page - Agilent(Hewlett-Packard) L4411A Datasheet HTML 3Page - Agilent(Hewlett-Packard) L4411A Datasheet HTML 4Page - Agilent(Hewlett-Packard) L4411A Datasheet HTML 5Page - Agilent(Hewlett-Packard) L4411A Datasheet HTML 6Page - Agilent(Hewlett-Packard) L4411A Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Agilent L4411A
‘Low profile’ 6½ Digit Multimeter
Leading the Industry in High-Performance
System Test
Product Overview
Agilent L4411A
6½-Digit High-
Performance DMM
• 50,000 readings/sec @ 4½ digits
direct to PC
• 10,000 readings/sec @ 5½ digits
direct to PC
• 1,000 readings/sec @ 6½ digits
direct to PC
• Analog level triggering
• Programmable pre/post triggering
• LAN extensions for instruments
(LXI), USB & GPIB standard
• 30 PPM 1 year basic DC accuracy
• DCV, ACV, DCI, ACI, 2-wire and
4-wire resistance, frequency,
period, and diode test
• Capacitance & temperature
measurements
• Expanded measurement ranges
Dramatic system performance
Whether it’s raw reading speed or
fast system throughput, the L4411A
sets a new benchmark in performance.
Using a new A/D technology, the
L4411A achieves an impressive
50,000 readings a second at 4½ digits,
and can stream readings to your
computer at this same speed!
Transactional I/O (single reading—
measurement and PC transfer time) is
3x faster than other popular modular
DMMs, significantly enhancing your
test throughput. Triggering is fast and
precise, with both trigger latency and
trigger jitter less than 1 µs, while bus
query response is less than 500 µs.
ACV measurements are faster as
well thanks to a digital measurement
technique that additionally improves
accuracy at high and low frequencies.
A new standard for modular
system DMMs
The L4411A 6½ digit high performance
DMM expands Agilent’s industry
leading offering of LXI system
products. For the test system integra-
tor looking for the next generation
modular DMM, this new meter offers
the industry’s best measurement
speed and throughput, a reduced size
(1 rack unit high), superior measure-
ment performance, and a choice of
computer interfaces, including LXI,
providing high performance, easy
to use, economical I/O. A simple
display, including ‘latest reading’
and LAN address, allows the system
integrator to quickly integrate and
debug the test system. And finally,
the DMM comes with a compatibility
mode, requiring little-to-no code
change to upgrade your test system
with next generation capabilities.


Similar Part No. - L4411A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L4401DW1T1 LRC-L4401DW1T1 Datasheet
151Kb / 2P
   Silicon PNP Epitaxial Planer Transistor
logo
Connor-Winfield Corpora...
L442-155.52 CONNOR-WINFIELD-L442-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Keysight Technologies
L4421A KEYSIGHT-L4421A Datasheet
816Kb / 9P
   40-Channel Armature Multiplexer
logo
Connor-Winfield Corpora...
L443-155.52 CONNOR-WINFIELD-L443-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Keysight Technologies
L4433A KEYSIGHT-L4433A Datasheet
1Mb / 9P
   L4433A Dual/Quad 4x8 Reed Matrix
More results

Similar Description - L4411A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MI25 AMD-MI25 Datasheet
1Mb / 3P
   Industry Leading Performance for Deep Learning1
logo
Diodes Incorporated
DMTH4M70SPGWQ DIODES-DMTH4M70SPGWQ Datasheet
674Kb / 2P
   First PowerDI8080-Packaged 40V MOSFET Delivers Industry-Leading Performance
logo
Omron Electronics LLC
CS1W-DRM21-V1 OMRON-CS1W-DRM21-V1 Datasheet
686Kb / 6P
    A DeviceNet Unit for the CS Series That Boasts Industry-leading Performance and Functions
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
   Industry-leading accuracy and repeatability
logo
WOLFSPEED, INC.
CPM3-1200-0016A WOLFSPEED-CPM3-1200-0016A Datasheet
566Kb / 8P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 01-2021
logo
Actel Corporation
A54SX32-1CQ208B ACTEL-A54SX32-1CQ208B Datasheet
504Kb / 64P
   Leading Edge Performance
logo
WOLFSPEED, INC.
CPM3-1200-0021A WOLFSPEED-CPM3-1200-0021A Datasheet
471Kb / 7P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 1 01-2020
CPM3-1200-0075A WOLFSPEED-CPM3-1200-0075A Datasheet
420Kb / 7P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 03-2020
logo
Infineon Technologies A...
PMB2525 INFINEON-PMB2525 Datasheet
148Kb / 2P
   The Industry?셲 Highest Performance GPS Receiver in the smallest package yet.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com