Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7533 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST7533
Description  33 x 96 Dot Matrix LCD Controller/Driver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7533 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST7533 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
ST7533
Ver 1.0
5/60
2003/07/21
Pad Center Coordinates (1/17 Duty)
PAD
No.
PIN Name
X
Y
1
COM[12]
3290
409
2
COM[13]
3221
409
3
COM[14]
3152
409
4
COM[15]
3083
409
5
COMS1
3014
409
6
FRS
2919
414
7
FR
2843
414
8
CL
2767
414
9
/DOF
2691
414
10
VSS
2614
414
11
/CS1
2538
414
12
CS2
2462
414
13
VDD
2386
414
14
/RES
2310
414
15
A0
2234
414
16
VSS
2157
414
17
/WR(R/W)
2081
414
18
/RD(E)
2005
414
19
VDD
1929
414
20
D0
1853
414
21
D1
1777
414
22
D2
1701
414
23
D3
1624
414
24
D4
1548
414
25
D5
1472
414
26
D6
1396
414
27
D7
1320
414
28
VDD
1244
414
29
VDD
1168
414
30
VDD
1091
414
31
VSS
1015
414
32
VSS
939
414
33
VSS2
863
414
34
VSS2
787
414
35
VOUT
711
414
36
VOUT
634
414
37
CAP3-
558
414
38
CAP3-
482
414
39
CAP1+
406
414
40
CAP1+
330
414
41
CAP1-
254
414
42
CAP1-
178
414
43
CAP2-
101
414
44
CAP2-
25
414
45
CAP2+
-51
414
46
CAP2+
-127
414
47
VSS
-203
414
48
VSS
-279
414
49
VRS
-355
414
50
VDD
-432
414
51
VDD
-508
414
52
V1
-584
414
PAD
No.
PIN Name
X
Y
53
V1
-660
414
54
V2
-736
414
55
V2
-812
414
56
V3
-889
414
57
V3
-965
414
58
V4
-1041
414
59
V4
-1117
414
60
V5
-1193
414
61
V5
-1269
414
62
VR
-1345
414
63
VDD
-1422
414
64
VDD
-1498
414
65
TEST0
-1571
414
66
TEST1
-1642
414
67
TEST2
-1713
414
68
TEST3
-1784
414
69
TEST4
-1855
414
70
TEST5
-1926
414
71
VDD
-2000
414
72
M/S
-2076
414
73
CLS
-2152
414
74
VSS
-2228
414
75
C86
-2305
414
76
P/S
-2381
414
77
VDD
-2457
414
78
/HPM
-2533
414
79
VSS
-2609
414
80
IRS
-2685
414
81
VDD
-2762
414
82
SEL1
-2838
414
83
VSS
-2914
414
84
Reserve
-3011
409
85
Reserve
-3080
409
86
Reserve
-3150
409
87
Reserve
-3219
409
88
Reserve
-3288
409
89
Reserve
-3529
351
90
Reserve
-3529
282
91
Reserve
-3529
213
92
COM[7]
-3529
144
93
COM[6]
-3529
75
94
COM[5]
-3529
6
95
COM[4]
-3529
-64
96
COM[3]
-3529
-133
97
COM[2]
-3529
-202
98
COM[1]
-3529
-271
99
COM[0]
-3529
-340
100
COMS2
-3529
-409
101
SEG[0]
-3280
-409
102
SEG[1]
-3211
-409
103
SEG[2]
-3142
-409
104
SEG[3]
-3073
-409


Similar Part No. - ST7533

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
ST7536CFN STMICROELECTRONICS-ST7536CFN Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
More results

Similar Description - ST7533

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
   4 x 96 Dot Matrix LCD Controller/Driver
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
   132 x 33 Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com