Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7669 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
Download  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 216 page
background image
ST7669
Ver 1.3a
6/216
3/2/2009
210
COM15
6897.71
-256.50
211
COM17
6897.71
-229.50
212
COM19
6897.71
-202.50
213
COM21
6897.71
-175.50
214
COM23
6897.71
-148.50
215
COM25
6897.71
-121.50
216
COM27
6897.71
-94.50
217
COM29
6897.71
-67.50
218
COM31
6897.71
-40.50
219
COM33
6897.71
-13.50
220
COM35
6897.71
13.50
221
COM37
6897.71
40.50
222
COM39
6897.71
67.50
223
COM41
6897.71
94.50
224
COM43
6897.71
121.50
225
COM45
6897.71
148.50
226
COM47
6897.71
175.50
227
COM49
6897.71
202.50
228
COM51
6897.71
229.50
229
COM53
6897.71
256.50
230
COM55
6897.71
283.50
231
COM57
6897.71
310.50
232
COM59
6897.71
337.50
233
TRUI
6897.71
394.50
234
TRUO
6897.71
421.50
235
COM61
6743.18
367.71
236
COM63
6716.18
367.71
237
COM65
6689.18
367.71
238
COM67
6662.18
367.71
239
COM69
6635.18
367.71
240
L-Mark
6593.69
234.18
241
COM71
6608.18
367.71
242
L-Mark
6593.69
234.18
243
L-Mark
6593.69
234.18
244
COM73
6581.18
367.71
245
COM75
6554.18
367.71
246
COM77
6527.18
367.71
247
COM79
6500.18
367.71
248
COM81
6473.18
367.71
249
COM83
6446.18
367.71
250
COM85
6419.18
367.71
251
COM87
6392.18
367.71
252
COM89
6365.18
367.71
253
COM91
6338.18
367.71
254
COM93
6311.18
367.71
255
COM95
6284.18
367.71
256
COM97
6257.18
367.71
257
COM99
6230.18
367.71
258
COM101
6203.18
367.71
259
COM103
6176.18
367.71
260
COM105
6149.18
367.71
261
COM107
6122.18
367.71
262
COM109
6095.18
367.71
263
COM111
6068.18
367.71
264
COM113
6041.18
367.71
265
COM115
6014.18
367.71
266
COM117
5987.18
367.71
267
COM119
5960.18
367.71
268
COM121
5933.18
367.71
269
COM123
5906.18
367.71
270
COM125
5879.18
367.71
271
COM127
5852.18
367.71
272
COM129
5825.18
367.71
273
COM131
5798.18
367.71
274
COM133
5771.18
367.71
275
COM135
5744.18
367.71
276
COM137
5717.18
367.71
277
COM139
5690.18
367.71
278
COM141
5663.18
367.71
279
COM143
5636.18
367.71


Similar Part No. - ST7669

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7669V SITRONIX-ST7669V Datasheet
2Mb / 208P
   262K 132x162 Color Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7669

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7669V SITRONIX-ST7669V Datasheet
2Mb / 208P
   262K 132x162 Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com