Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA8161 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA8161
Description  Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8161 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA8161 Datasheet HTML 1Page - TriQuint Semiconductor TGA8161 Datasheet HTML 2Page - TriQuint Semiconductor TGA8161 Datasheet HTML 3Page - TriQuint Semiconductor TGA8161 Datasheet HTML 4Page - TriQuint Semiconductor TGA8161 Datasheet HTML 5Page - TriQuint Semiconductor TGA8161 Datasheet HTML 6Page - TriQuint Semiconductor TGA8161 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TriQuint Semiconductor Texas : (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
4
TYPICAL S-PARAMETERS
V+ = 12 V, V
CTRL = 0 V, TA = 25
O
C
Reference planes for S-parameter data include bond wires as specified in the “Recommended
Assembly Diagram”. The S-parameters are also available on floppy disk and the world wide web.
Frequency
S11
S21
S12
S22
GAIN
(GHz)
MAG
ANG (°)
MAG
ANG (°)
MAG
ANG (°)
MAG
ANG (°)
(dB)
0.1
0 .4 8
- 92
5.50
44
0.0120
- 7 5
0 .1 4
- 6
14.8
0.2
0 .1 9
- 97
7.68
24
0.0044
- 9 0
0 .1 2
- 29
17.7
0.3
0 .1 7
- 116
8.56
12
0.0024
- 9 3
0 .1 0
- 34
18.6
0.4
0 .1 3
- 126
8.96
3
0 .0014
- 8 7
0 .0 9
- 35
19.0
0.5
0 .1 1
- 142
9.18
- 4
0.0007
- 9 4
0 .0 9
- 33
19.3
0.6
0 .0 9
- 152
9.32
- 1 0
0 .0002
- 5 8
0 .0 8
- 35
19.4
0.7
0 .0 9
- 158
9.40
- 1 5
0 .0002
89
0.08
- 3 7
19.5
0.8
0 .0 8
- 173
9.46
- 2 1
0 .0007
84
0.08
- 4 0
19.5
0.9
0 .0 8
- 178
9.50
- 2 6
0 .0010
75
0.08
- 4 3
19.6
1.0
0 .0 7
170
9.53
- 3 0
0 .0012
84
0.08
- 4 6
19.6
1.1
0 .0 8
160
9.54
- 3 5
0 .0016
81
0.08
- 5 0
19.6
1.2
0 .0 7
151
9.55
- 3 9
0 .0018
81
0.07
- 5 3
19.6
1.3
0 .0 7
146
9.56
- 4 4
0 .0022
82
0.07
- 5 5
19.6
1.4
0 .0 7
135
9.54
- 4 8
0 .0024
85
0.07
- 6 0
19.6
1.5
0 .0 7
128
9.53
- 5 3
0 .0027
83
0.07
- 6 3
19.6
1.6
0 .0 7
121
9.51
- 5 7
0 .0028
82
0.07
- 6 7
19.6
1.7
0 .0 7
111
9.50
- 6 1
0 .0031
83
0.07
- 7 1
19.6
1.8
0 .0 8
105
9.47
- 6 6
0 .0033
81
0.07
- 7 6
19.5
1.9
0 .0 8
9 9
9 .4 3
- 70
0.0036
81
0.07
- 8 0
19.5
2.0
0 .0 8
9 0
9 .4 0
- 74
0.0037
80
0.07
- 8 5
19.5
2.1
0 .0 8
8 4
9 .3 1
- 79
0.0040
79
0.07
- 8 9
19.4
2.2
0 .0 9
7 8
9 .2 8
- 83
0.0042
78
0.07
- 9 4
19.4
2.3
0 .0 9
7 1
9 .2 2
- 87
0.0045
78
0.07
- 9 8
19.3
2.4
0 .0 9
6 5
9 .1 5
- 92
0.0047
78
0.07
- 104
19.2
2.5
0 .0 9
6 0
9 .0 7
- 96
0.0048
78
0.07
- 109
19.1
2.6
0 .1 0
5 3
8 .9 7
- 100
0.0050
77
0.08
- 114
19.1
2.7
0 .1 0
4 7
8 .8 6
- 105
0.0052
76
0.08
- 118
18.9
2.8
0 .1 0
4 3
8 .7 7
- 109
0.0055
76
0.08
- 123
18.9
2.9
0 .1 0
3 5
8 .6 4
- 113
0.0057
74
0.08
- 127
18.7
3.0
0 .1 1
2 9
8 .5 2
- 117
0.0058
73
0.08
- 131
18.6
3.1
0 .1 1
2 3
8 .4 1
- 122
0.0059
74
0.08
- 135
18.5
3.2
0 .1 1
1 7
8 .2 7
- 126
0.0061
74
0.08
- 139
18.3
3.3
0 .1 1
1 1
8 .1 4
- 130
0.0062
72
0.08
- 143
18.2
3.4
0 .1 2
6
7 .9 9
- 135
0.0063
73
0.09
- 148
18.1
3.5
0 .1 2
0
7 .8 2
- 139
0.0064
72
0.09
- 152
17.9
3.6
0 .1 2
- 6
7 .6 6
- 143
0.0065
72
0.09
- 155
17.7
3.7
0 .1 2
- 12
7.51
- 147
0.0066
69
0.09
- 158
17.5
3.8
0 .1 3
- 18
7.35
- 151
0.0066
72
0.09
- 162
17.3
3.9
0 .1 3
- 23
7.18
- 155
0.0069
70
0.09
- 165
17.1
4.0
0 .1 3
- 28
7.02
- 159
0.0070
72
0.10
- 169
16.9
TGA8161-SCC


Similar Part No. - TGA8161

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8014 TRIQUINT-TGA8014 Datasheet
532Kb / 6P
   6 - 18 GHz Power Amplifier
TGA8014-SCC TRIQUINT-TGA8014-SCC Datasheet
532Kb / 6P
   6 - 18 GHz Power Amplifier
TGA8014-SCC TRIQUINT-TGA8014-SCC Datasheet
181Kb / 10P
   6 - 18 GHz Power Amplifier
TGA8014-SCC TRIQUINT-TGA8014-SCC_15 Datasheet
181Kb / 10P
   6 - 18 GHz Power Amplifier
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
   Gain Block Amplifier
More results

Similar Description - TGA8161

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8320 TRIQUINT-TGA8320 Datasheet
526Kb / 7P
   Gain Block Amplifier
TGA8349 TRIQUINT-TGA8349 Datasheet
309Kb / 7P
   Gain Block Amplifier
TGA8810 TRIQUINT-TGA8810 Datasheet
219Kb / 7P
   Gain Block Amplifier
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
   Gain Block Amplifier
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
   Gain Block Amplifier
TGA8300 TRIQUINT-TGA8300 Datasheet
176Kb / 7P
   Gain Block Amplifier
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Analog Devices
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
   HBT GAIN BLOCK MMIC AMPLIFIER
HMC3587LP3BE AD-HMC3587LP3BE Datasheet
336Kb / 8P
   HBT GAIN BLOCK MMIC AMPLIFIER
logo
TriQuint Semiconductor
TGA8226 TRIQUINT-TGA8226 Datasheet
650Kb / 8P
   2 - 6 GHz Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com