Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7687A Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST7687A
Description  128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7687A Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7687A Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7687A Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7687A Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7687A Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7687A Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7687A Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7687A Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7687A Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7687A Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 191 page
background image
ST7687A
Ver. 1.0
10/191
2009/12
3
PAD ARRANGEMENT (COG)
Y
X
(0,0)
1 VSS
2 VPP
3 VPP
4 VPP
5 VPP
8 VSS
149 COM27
212 DUMMY
12 VDD
13 RW_WR
14 D0
15 D1
32 E_RD
33 RW_WR
34 A0
35 /RST
36 IF1
37 IF2
38 IF3
41 /CS
42 /EXT
43 TE
44 TCAP
45 VDD
46 VDD
47 VDD
48 VDD
49 VD1in
50 VD1in
53 VD1out
54 VD1out
7 CLS
11 A0
79 VDD4
73 VSS4
72 VSS4
71 VSS2
61 VSS
60 VSS
59 VSS
58 VSS
57 VSS
56 VSS1
134 Vgin
127 Vgin
126 Vgs
125 Vgout
124 Vgout
122 XV0in
121 XV0in
123 XV0in
120 XV0in
119 XV0s
113 V0in
112 V0in
111 V0in
86 VDD2
85 VDD5
80 VDD5
78 VDD4
77 VDD3
75 VREF
76 VDD3
74 VSS4
135 VSS
6 CL
55 VSS1
62 VSS2
213 SEG0
660 COM26
597 DUMMY
596 SEG383
9 VDD
10 INTVD1
16 D2
17 D3
18 D4
19 D5
20 D6
21 D7
22 D8
23 D9
24 D10
25 D11
26 D12
27 D13
28 D14
29 D15
30 VSS
31 VDD
39 VSS
40 VDD
51 VD1in
52 VD1in
118 XV0out
117 XV0out
116 V0out
115 V0out
114 V0s
110 V0in
93 VDD2
94 VSS2
103 VSS2
104 Vm
109 Vm
……
199 COM127
200 DUMMY
609 DUMMY
610 COM126
……
Chip Size :
11586 um x 686 um
Bump Pitch :
PAD 136~148, 149~212, 213~596, 597~660 661~673 pitch=22um (min,
com/seg)
PAD 212~213, 596~597 pitch=110.88um ( com/seg)
PAD 1~7, 10~13, 32~38, 41~57, 59~135 pitch=80um (I/O)
PAD 14~29, pitch=120um(I/O)
PAD 8~9, 30~31, 39~40, pitch=49um(I/O)
PAD 7~8, 9~10, 31~32, 38~39, 40~41, pitch=64.5um(I/O)
PAD 57~58, 58~59=75.5um(I/O)
PAD 13~14, pitch=100um(I/O)
PAD 29~30, pitch=84.5um(I/O)
Bump Size :
PAD 136~673
Bump width=10.5um (min, com/seg)
Bump space=11.5um (min, com/seg)
Bump length=166.7um(min, com/seg)
Bump area=1750.35um^2(com/seg)
PAD 14~29
Bump width=105um(I/O)
Bump space=15um(I/O)
Bump length=59um(I/O)
Bump area=6195um^2
PAD 58
Bump width=56um(I/O)
Bump space=15um(I/O)
Bump length=59um(I/O)
Bump area=3304um^2
PAD 8~9, 30~31, 39~40
Bump width=34um(I/O)
Bump space=15um(I/O)
Bump length=59um(I/O)
Bump area=2006um^2
PAD 1~7, 10~13, 32~38, 41~57, 59~135
Bump width=65um(I/O)
Bump space=15um(I/O)
Bump length=59um(I/O)
Bump area=3185um^2
ST7687A-G4 (Bump Height: 15 um, Hardness: 55HV)
ST7687A-G4-1 (Bump Height: 12 um, Hardness: 90HV)
Chip Thickness: 300 um
Alignment mark
The center of alignment mark: see bellow Table


Similar Part No. - ST7687A

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7687S SITRONIX-ST7687S Datasheet
2Mb / 195P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
More results

Similar Description - ST7687A

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7687S SITRONIX-ST7687S Datasheet
2Mb / 195P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7689 SITRONIX-ST7689 Datasheet
2Mb / 195P
   128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
   320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com