Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7712 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7712
Description  262K Color Single-Chip TFT Controller/Driver
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7712 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7712 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
ST7712
Ver 2.3
11/113
2007/07/19
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
575
SCL
-3765
-583.465
611
VCI
-295
-583.465
576
SDI
-3670
-583.465
612
VCI
-200
-583.465
577
SDO
-3575
-583.465
613
VCI
-105
-583.465
578
RS
-3480
-583.465
614
VCI
-10
-583.465
579
RW_WR
-3385
-583.465
615
VCI
85
-583.465
580
E_RD
-3290
-583.465
616
VDDO
180
-583.465
581
DB0
-3195
-583.465
617
VDDO
275
-583.465
582
DB1
-3100
-583.465
618
VCILVL
370
-583.465
583
DB2
-3005
-583.465
619
OSC1
495
-583.465
584
DB3
-2910
-583.465
620
OSC2
590
-583.465
585
DB4
-2815
-583.465
621
GND
715
-583.465
586
DB5
-2720
-583.465
622
GND
810
-583.465
587
DB6
-2625
-583.465
623
GND
905
-583.465
588
DB7
-2530
-583.465
624
GND
1000
-583.465
589
DB8
-2435
-583.465
625
GND
1095
-583.465
590
IOGNDDUM2
-2340
-583.465
626
GND
1190
-583.465
591
IOGNDDUM2
-2245
-583.465
627
AGND
1298.775 -583.465
592
DB9
-2150
-583.465
628
AGND
1393.775 -583.465
593
DB10
-2055
-583.465
629
AGND
1502.415 -583.465
594
DB11
-1960
-583.465
630
AGND
1597.415 -583.465
595
DB12
-1865
-583.465
631
AGND
1692.415 -583.465
596
DB13
-1770
-583.465
632
AGND
1787.415 -583.465
597
DB14
-1675
-583.465
633
FUSA0
1896.055 -583.465
598
DB15
-1580
-583.465
634
FUSA1
1996.055 -583.465
599
DB16
-1485
-583.465
635
FUSA2
2096.055 -583.465
600
DB17
-1390
-583.465
636
FUSA3
2196.055 -583.465
601
XRESET
-1295
-583.465
637
FUSA4
2296.055 -583.465
602
IOVCC
-1200
-583.465
638
VSSF
2396.055 -583.465
603
IOVCC
-1105
-583.465
639
FUS0
2496.055 -583.465
604
VCC
-960
-583.465
640
FUS1
2596.055 -583.465
605
VCC
-865
-583.465
641
FUS2
2696.055 -583.465
606
VCC
-770
-583.465
642
FUS3
2796.055 -583.465
607
VCC
-675
-583.465
643
FUS4
2896.055 -583.465
608
VCC
-580
-583.465
644
REGP
3025
-583.465
609
VCC
-485
-583.465
645
VGS
3120
-583.465
610
VCI
-390
-583.465
646
VGS
3215
-583.465


Similar Part No. - ST7712

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7710-STDVB STMICROELECTRONICS-ST7710-STDVB Datasheet
84Kb / 3P
   Single-chip, low-cost high definition set-top box decoder
logo
Sitronix Technology Co....
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
   262K Color Single-Chip TFT Controller/Driver
More results

Similar Description - ST7712

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
   262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
   262K Color Single - Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
   262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
   262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
   262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
   132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com