Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8011 Datasheet(PDF) 7 Page - Sitronix Technology Co., Ltd.

Part # ST8011
Description  120 Output LCD Segment driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8011 Datasheet(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST8011 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ST8011
V1.3
7/20
2004/09/08
n
INPUT/OUTPUT CIRCUITS
I
V DD
T o In te rna l C ircu it
V s s (0 V)
A pp licab le P ins
XD IS P O FF , DI3~ DI0 ,
L P , F R , P /S ,L /R
Input Circuit
V DD
I/O
To Internal
Circuit
Vss (0V)
Vss (0V)
Control Signal
Vss (0V)
V DD
Output Signal
Control Signal
Application Pins
EIO 1 , EIO 2
Input/Output Circuit


Similar Part No. - ST8011

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Similar Description - ST8011

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
ST8008 SITRONIX-ST8008 Datasheet
376Kb / 21P
   80 Output LCD Segment Driver IC
logo
Sharp Corporation
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
   96 Output LCD Common/ Segment Driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com