Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8016S Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST8016S
Description  COM/SEG LCD Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016S Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST8016S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ST8016S
Preliminary
Ver 0.24
Page 11/26
2009/10/01
6.2.4
Timing chart of 4-device cascade connection of segment drivers
n*
n*
n*
n*
n*
1
1
1
1
1
2
2
2
2
2
device A
device B
device C
device D
TOP DATA
LAST DATA
*n = 40 in 4-bit parallel input mode
*n = 20 in 8-bit parallel input mode
EO
(device C)
EO
(device B)
EO
(device A)
EI
(device A)
DI7 - DI0
XCK
LP
FR


Similar Part No. - ST8016S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Similar Description - ST8016S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
   COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
   COM/SEG LCD Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
   40-CHANNEL SEG/COM LCD DRIVER
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
   3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
   43 Com / 102 Seg LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com