Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA0707 Datasheet(PDF) 7 Page - Bothhand USA, LP.

Part # SA0707
Description  6-15 Watt Switching Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA0707 Datasheet(HTML) 7 Page - Bothhand USA, LP.

  SA0707 Datasheet HTML 1Page - Bothhand USA, LP. SA0707 Datasheet HTML 2Page - Bothhand USA, LP. SA0707 Datasheet HTML 3Page - Bothhand USA, LP. SA0707 Datasheet HTML 4Page - Bothhand USA, LP. SA0707 Datasheet HTML 5Page - Bothhand USA, LP. SA0707 Datasheet HTML 6Page - Bothhand USA, LP. SA0707 Datasheet HTML 7Page - Bothhand USA, LP. SA0707 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
FEATURES
●Removable AC Plug(Reduce Stock)
●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance
●Light Weight: 150g only (Without AC Plug)
●Efficiency Over 70%
●Over-Voltage Protective Installation
●Short-circuit Protective Installation
●Protection Type: Auto-Recover
●Operating Temperature 0℃~40℃
SPECIFICATION
Model
Item
SA07M05~07
SA07M07~09
SA07M09~12
SA07M12~17
SA07M17~24
Output Voltage
+5V~7V
+7V~9V
+9V~12V
+12V~17V
+17V~24V
Output Rating
14W Max
14W Max
19W Max
19W Max
19W Max
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Input Current
0.6A Maximum
Inrush Current
40A Maximum
Line Regulation
2% Maximum
Load Regulation
±5%
Ripple & Noise
1% Typical
Efficiency
72% Typical
72% Typical
76% Typical
76% Typical
77% Typical
Temperature Coefficient
0.05%/℃
Over-Voltage Protection
10V~48V Maximum
Operating Temperature
0~40℃
Storage Temperature
-20~85℃
Fig. A
UL, CUL, CB, BSMI,
LPS, CE, FCC, PSE
---
---
---
---
Fig. B
CB, BSMI, LPS, CE
---
---
---
---
Fig. C
BSI, CB, BSMI, LPS,
CE
---
---
---
---
Safety Description
Fig. D
TUV, CB, BSMI,
LPS, CE
---
---
---
---
(): Under Development
(I/P): In Process
Bothhandusa.com
SA07M Series 14-19 Watt Switch Adapter


Similar Part No. - SA0707

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SA07 MITSUBISHI-SA07 Datasheet
64Kb / 4P
   THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
   PULSE WIDTH MODULATION AMPLIFIERS
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
   Pulse Width Modulation Amplifiers
More results

Similar Description - SA0707

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
logo
Phihong USA Inc.
PSA15W-050 PHIHONG-PSA15W-050 Datasheet
366Kb / 2P
   15 Watt Universal Switching Adapter
logo
Bothhand USA, LP.
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
logo
DATEL, Inc.
PT45S15-0.4 DATEL-PT45S15-0.4 Datasheet
159Kb / 1P
   Switching Regulator 6-Watt SIP, 15 Volts Output
logo
Bothhand USA, LP.
EA10953 BOTHHAND-EA10953 Datasheet
115Kb / 2P
   90 Watt Switching Adapter
logo
DATEL, Inc.
PT22S15-0.4 DATEL-PT22S15-0.4 Datasheet
159Kb / 1P
   Switching Regulator 6-Watt SIP, 15 Volts Output
logo
Bothhand USA, LP.
EA11203 BOTHHAND-EA11203 Datasheet
139Kb / 2P
   120 Watt Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
   15 Watts Switching Adapter
logo
Phihong USA Inc.
PSA18U-033 PHIHONG-PSA18U-033 Datasheet
89Kb / 2P
   18 Watt Universal Switching Adapter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com