Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBA3216GA301N4 Datasheet(PDF) 6 Page - SAMWHA ELECTRIC

Part # CBA3216GA301N4
Description  BEADS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CBA3216GA301N4 Datasheet(HTML) 6 Page - SAMWHA ELECTRIC

  CBA3216GA301N4 Datasheet HTML 1Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 2Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 3Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 4Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 5Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 6Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 7Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 8Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAMWHA ELECTRONICS CO., LTD
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
DPS-081104
CHIP BEADS
Packaging
v Standard
Quantity
0.85 T size
2,000
4516
10,000
1005
3,000
3216
4,000
1608
4,000
2012
Remarks
1,000
4532
Q’TY(PCS)
Size
v
Reel Dimension
Φ
13±0.5
Φ
50 min.
Φ
178±2
W
E
D
2±0.2
B
9±1.5
4±0.8
C
A
(Unit:mm)
v
Leader & Blank Portion
(Unit:mm)
Blank
150 min
Blank
Chips
Leader
60 Pitch
60 Pitch
350±50 mm
350±50 mm


Similar Part No. - CBA3216GA301N4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CBA3750BKAHS VISHAY-CBA3750BKAHS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAHW VISHAY-CBA3750BKAHW Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAKS VISHAY-CBA3750BKAKS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAKW VISHAY-CBA3750BKAKW Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKGHS VISHAY-CBA3750BKGHS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
More results

Similar Description - CBA3216GA301N4

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCBA1206F CT-CTCBA1206F Datasheet
227Kb / 2P
   Chip Array Ferrite Beads
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
   Chip Array Ferrite Beads
Revision: 17-Aug-17
ILAS1206ER102V VISHAY-ILAS1206ER102V Datasheet
118Kb / 3P
   Chip Array Ferrite Beads
Revision: 16-Jan-06
ILAS-1206 VISHAY-ILAS-1206_V01 Datasheet
117Kb / 3P
   Chip Array Ferrite Beads
01-Jan-2022
logo
Sumida Corporation
SHB-4-2010 SUMIDA-SHB-4-2010 Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4-3216 SUMIDA-SHB-4-3216 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads Array
logo
Superworld Electronics
A4K_SERIES SUPERWORLD-A4K_SERIES Datasheet
240Kb / 7P
   FERRITE CHIP BEADS 4 LINE ARRAY
A4K300-RE-10 SUPERWORLD-A4K300-RE-10 Datasheet
414Kb / 9P
   FERRITE CHIP BEADS 4 LINE ARRAY
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
logo
TDK Electronics
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
   EMC Components Ferrite Beads SMD Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com