Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR2633Z5U104Z250R Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # CR2633Z5U104Z250R
Description  Radial & Axial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CR2633Z5U104Z250R Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CR2633Z5U104Z250R Datasheet HTML 1Page - SAMWHA ELECTRIC CR2633Z5U104Z250R Datasheet HTML 2Page - SAMWHA ELECTRIC CR2633Z5U104Z250R Datasheet HTML 3Page - SAMWHA ELECTRIC CR2633Z5U104Z250R Datasheet HTML 4Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multi Layer Ceramic Capacitors
25
SAMWHA CAPACITOR Co., Ltd.
24
Radial & Axial
Char.
Temp.
Reference
Cap.
Range
Temp.
Change
X7R
-55 to
Within
+125℃
±15%
X5R
-55 to
Within
+85℃
±15%
Y5V
-30 to
Within
+85℃
22%
-
82%
Step
Temperature()
125±2
2
-55±3
325±2
4
125±3(for C0G)
525±2
(1) Temperature Compensating Type:
The temperature coefficient is
determined using the capacitance
measured in step 3 as a reference,
When cycling the temperature
sequentially from step 1 through 5,
(C0G: +25 to 125℃) the capacitance
shall be with in the specified
tolerance for the temperature
coefficient.
The capacitance drift is calculated
by dividing the difference
between the maximum measured
values in the step 1, 3 and 5 by the
Cap. value in step 3
(2) High Dielectric Constant Type :
The ranges of capacitance
change compared with the 25℃
value over the temperature
range shown in the table shall
be in the specified range.
15
Preservation(keeping) ※When solderability is considered, capacitors are
recommended to be used in 12 months
16
The regulation of
※Never use materials mentioned below in MLCC products regulated this document.
environmental
Pb, Cd, Hg, Cr+6, PBB(polybromide biphenyl), PBDE(polybrominated diphenyl ethers), asbestos.
pollution materials.
25℃
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
14 Capacitance Capacitance
Temperature Change
Characteristics
Temperature
Coefficient
Char.
Temp.
Temperature
Range
Coefficient
C0G
-55 to
±30ppm/℃
+125℃
(1) Temperature : 25℃±10℃
(2) Relative Humidity : Below 70% RH
- In case of high Voltage and thin layer type Capacitor, it can be different from nomal specification.
So Please ask to our sales person.
Features
This widely used ceramic capacitors includes both monolithic and multilayer types to provide a wide
capacitance range of 1pF through 1㎌ in respectly one standard size and shape(Radial & Axial).
Applications
The class1 temperature compensating(C0G) products can be used in circuits to stabilize frequency and
temperature characteristics.
The X7R, Z5U, Y5V dielectrics are optimum for by pass capacitors.
Radial & Axial
CODE
LW
T
H
P
Ød
Color
Marking
Max.
Max.
Max.
Max.
±0.7
051B
5.5
5.5
3.2
6.4
5
0.5
Orange
Ex) 104
077B
7.7
7.6
9.2
or Gold
Shape and Dimensions
Bulk Type
Radial Type
Flat Type
Radial Type
Axial Type


Similar Part No. - CR2633Z5U104Z250R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR2600SA LITTELFUSE-CR2600SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR2600SA ETC1-CR2600SA Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR2600SB LITTELFUSE-CR2600SB Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR2600SB ETC1-CR2600SB Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR2600SC LITTELFUSE-CR2600SC Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
More results

Similar Description - CR2633Z5U104Z250R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
jb Capacitors Company
JFR JBCAPACITORS-JFR_15 Datasheet
211Kb / 1P
   Radial & Axial Polystyrene Film Capacitor
logo
Littelfuse
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Kemet Corporation
C052C109M1G5TA KEMET-C052C109M1G5TA Datasheet
140Kb / 10P
   CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com