Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32344D4071A580 Datasheet(PDF) 4 Page - EPCOS

Part # B32344D4071A580
Description  Film capacitors - Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32344D4071A580 Datasheet(HTML) 4 Page - EPCOS

  B32344D4071A580 Datasheet HTML 1Page - EPCOS B32344D4071A580 Datasheet HTML 2Page - EPCOS B32344D4071A580 Datasheet HTML 3Page - EPCOS B32344D4071A580 Datasheet HTML 4Page - EPCOS B32344D4071A580 Datasheet HTML 5Page - EPCOS B32344D4071A580 Datasheet HTML 6Page - EPCOS B32344D4071A580 Datasheet HTML 7Page - EPCOS B32344D4071A580 Datasheet HTML 8Page - EPCOS B32344D4071A580 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Film capacitors – Power Factor Correction
B32344D****A***
PhiCap capacitors
B32344D / MKPxxx-D
FK PC PM PFC
March 2009
Please read Cautions and warnings and
Page 4 of 16
Important notes at the end of this document
.
Design data
Dimensions (d × l)
According to specification table
Weight approx.
According to specification table
Filling
Biodegradable soft resin
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Upright. See “Installation and maintenance instructions
for PFC capacitors” for further details.
Terminals
Degree of protection
IP20; optional IP54 with plastic terminal cap
Max. torque
10 Nm
Terminal cross section
16 mm2
Maximum terminal current
60 A (continuous)
Creepage distance
12.7 mm
Clearance
9.6 mm (to UL 810)
Safety
Mechanical safety
Tear off fuses, overpressure disconnector
Max. short circuit current
(AFC: 10 kA) (to UL 810)
Discharge resistor time
≤ 1 min (75 V) , IEC 60831 specifies 3 min.
Reference standards
IEC 60831–1/2. UL 810-5th edition
Ceramic discharge resistor, pre-mounted


Similar Part No. - B32344D4071A580

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32344D4071A580 EPCOS-B32344D4071A580 Datasheet
187Kb / 16P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32344D4071A580

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com