Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32344D4072A510 Datasheet(PDF) 11 Page - EPCOS

Part # B32344D4072A510
Description  Film capacitors - Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32344D4072A510 Datasheet(HTML) 11 Page - EPCOS

Back Button B32344D4072A510 Datasheet HTML 7Page - EPCOS B32344D4072A510 Datasheet HTML 8Page - EPCOS B32344D4072A510 Datasheet HTML 9Page - EPCOS B32344D4072A510 Datasheet HTML 10Page - EPCOS B32344D4072A510 Datasheet HTML 11Page - EPCOS B32344D4072A510 Datasheet HTML 12Page - EPCOS B32344D4072A510 Datasheet HTML 13Page - EPCOS B32344D4072A510 Datasheet HTML 14Page - EPCOS B32344D4072A510 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Film capacitors – Power Factor Correction
B32344D****A***
PhiCap capacitors
B32344D / MKPxxx-D
FK PC PM PFC
March 2009
Please read Cautions and warnings and
Page 11 of 16
Important notes at the end of this document
.
Three-phase capacitors – VR = 600 V AC, 50/60 Hz, delta connection
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
Kg
box
MKP600-D-4.0
B32344D6051A000
4.0
3.9
5.0
4.7
3 × 12.0
75 × 198
0.5
6
MKP600-D-5.3
B32344D6061A300
5.3
5.1
6.3
6.1
3 × 15.5
75 × 198
0.5
6
MKP600-D-6.3
B32344D6071A500
6.3
6.0
7.5
7.2
3 × 18.5
75 × 198
0.5
6
MKP600-D-7.0
B32344D6081A300
7.0
6.7
8.3
8.0
3 × 20.5
75 × 198
0.6
6
MKP600-D-8.3
B32344D6101A000
8.3
8.0
10.0
9.6
3 × 24.5
75 × 198
0.6
6
MKP600-D-10.5
B32344D6121A500
10.5
10.1
12.5
12.1
3 × 31.0
85 × 198
0.8
4
MKP600-D-12.5
B32344D6151A000
12.5
12.1
15.0
14.5
3 × 37.0
85 × 273
0.8
4
MKP600-D-14.0
B32344D6161A700
14.0
13.4
16.7
16.1
3 × 41.0
85 × 273
1.2
4
MKP600-D-14.6
B32344D6171A500
14.6
14.0
17.5
16.8
3 × 43.0
85 × 273
1.2
4
MKP600-D-16.7
B32344D6201A000
16.7
16.0
20.0
19.2
3 × 49.0
85 × 273
1.5
4
MKP600-D-20.8
B32344D6251A000
20.8
20.1
25.0
24.1
3 × 61.5
85 × 348
1.5
4


Similar Part No. - B32344D4072A510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32344D4072A510 EPCOS-B32344D4072A510 Datasheet
187Kb / 16P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32344D4072A510

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com