Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFI06B1H682M Datasheet(PDF) 2 Page - SAMWHA ELECTRIC

Part # CFI06B1H682M
Description  LC Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CFI06B1H682M Datasheet(HTML) 2 Page - SAMWHA ELECTRIC

  CFI06B1H682M Datasheet HTML 1Page - SAMWHA ELECTRIC CFI06B1H682M Datasheet HTML 2Page - SAMWHA ELECTRIC CFI06B1H682M Datasheet HTML 3Page - SAMWHA ELECTRIC CFI06B1H682M Datasheet HTML 4Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMI Suppression Filter
97
SAMWHA CAPACITOR Co., Ltd.
96
Schematic and Characteristics
Electrical Characteristics
Item
Specification
Rated Voltage
50VDC
Rated current Between terminals ① and ③
1A
Withstanding test voltage between
125V DC
terminals ① and ② or ② and ③
Insulation resistance at 50V DC for 1 minute
10,000MΩ Min.
DC resistance between terminals ① and ③
50mΩ Max.
Operating temperature range
-25℃ ~ 85℃
Item
Specification
Item
Specification
Operating Temperature
B : -55℃~+125℃
Temperature characteristic
B : ±15%
Rated voltage
50V/100V DC
Testing voltage
125V/250V DC
Insulation resistance
10,000MΩMin.
Tanδ
B : 3.0% Max.
Rated current
1A Max.
DC Resistance
50mΩMax.
Shape & Dimensions
2226
J10
Item
Code
Dimensions(㎜)
Component Width
D1
8.0 Max.
Component Height
D2
6.2 Max.
Component Thickness
T
2.8 Max.
Pitch of Component
P
12.7±1.0
Pitch of Sprocket Hole
P0
12.7±0.3
Length from Hole Center to
P1
6.35 ±1.3
Component Center
Lead Spacing
F
2.5 -0.1, +0.4
Deviation along Tape, Left of Right
ΔS
1.0 Max.
Deviation across Type
Δh
2.0 Max.
Item
Code
Dimensions(㎜)
Carrier Type Width
W
18.0±0.5
Hole Down Type Width
W0
5.0 Min.
Position of Sprocket Hole
W1
9.0±0.5
Hole Down Type Position
W2
1.5±1.5
Height of Component from Hole Center
H
19.0±1.0
Diameter of Sprocket Hole
ØD0
4.0±0.2
Total Tape Thickness
t1
0.5±0.2
Total Thickness, Tape and Lead wire
t2
1.5 Max.
Lead Diameter
ØO
0.6±0.05
ØS
0.5±0.05
Features
Available in various configurations to conform to the wiring materials in use the characteristics as required.
Absorbs noise effectively because of the impedance over 30Ωin high frequency band.
Automatic insertion type of taping is available.
An invention patented article Korea, Japan, U.S.A, U.K, Taiwan, Germany, Sweden, Italy.
Applications
Computers and peripheral equipment, word processors, facsimiles.
Digital controlled equipment and electronic type writer, program controllers.
Automotive engine control units, car electronics.
TVs, VCRs, electronic music instruments, video games etc.
BEAD Filter
BF S 3550 R 2 F
How to Order(Product Identification)
Type
Beads Shape Code
BEAD Filter
SD
W
R
Single Bead
Double Bead
Wide Bead
Ferrite Core
Physical Dimensions
Single & Double Type
Wide Type
Ferrite Core Type
Code
Size O.D×L
Code
Size O.D×L
Code
Size O.D×L
Code
Size O.D×L×I.D
2070
2.0×7.0
3565
3.5×6.5
7555
7.5×5.5
601009
6.0×10×0.9
2550
2.5×5.0
3580
3.5×8.0
3550
3.5×5.0
3510
3.5×10.0
3557
3.5×5.7
3512
3.5×12.0
3560
3.5×6.0
3514
3.5×14.0
Unit : mm
[ O.D : Out Diameter, L : Length, W : Width, I.D : Inner Diameter ]
BEAD Filter


Similar Part No. - CFI06B1H682M

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
CFIII APACER-CFIII Datasheet
2Mb / 4P
   The Industrial CFIII cards
logo
Alpha Wire
CFITCRIMPV4 ALPHAWIRE-CFITCRIMPV4 Datasheet
43Kb / 2P
   CUSTOMER SPECIFICATION
11/28/2008
More results

Similar Description - CFI06B1H682M

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDL2110 SHOULDER-HDL2110 Datasheet
208Kb / 7P
   LC FILTER
HDL2170 SHOULDER-HDL2170 Datasheet
126Kb / 5P
   LC FILTER
HDL2010 SHOULDER-HDL2010 Datasheet
251Kb / 8P
   LC FILTER
HDL2140 SHOULDER-HDL2140 Datasheet
125Kb / 4P
   LC FILTER
HDL2130 SHOULDER-HDL2130 Datasheet
125Kb / 4P
   LC FILTER
HDL2120 SHOULDER-HDL2120 Datasheet
216Kb / 7P
   LC FILTER
logo
Integrated Technology F...
IFL00736 ITF-IFL00736 Datasheet
138Kb / 4P
   LC bandpass filter
IFL01187 ITF-IFL01187 Datasheet
119Kb / 3P
   LC bandpass filter
logo
MTRONPTI
SA0033 MTRONPTI-SA0033 Datasheet
136Kb / 1P
   Diplexer LC Filter
LF9141R MTRONPTI-LF9141R Datasheet
166Kb / 1P
   Bandpass LC Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com