Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFI06B1H103M Datasheet(PDF) 4 Page - SAMWHA ELECTRIC

Part # CFI06B1H103M
Description  LC Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CFI06B1H103M Datasheet(HTML) 4 Page - SAMWHA ELECTRIC

  CFI06B1H103M Datasheet HTML 1Page - SAMWHA ELECTRIC CFI06B1H103M Datasheet HTML 2Page - SAMWHA ELECTRIC CFI06B1H103M Datasheet HTML 3Page - SAMWHA ELECTRIC CFI06B1H103M Datasheet HTML 4Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EMI Suppression Filter
101
SAMWHA CAPACITOR Co., Ltd.
100
Shape & Dimensions
Radial Type
BFS R2B Type
Axial Type
BFS A0L Type
BFS A0S Type
BFD R2B Type
BFS R2F Type
Material Certificate
※ We guarantee that the same material above used
Axial
Radial
No.
Component Parts
Material
Remark
Epoxy Bond
Uni Bond Orange
Lead free
Ferrite Core
Ni-Zn Material
Lead free
Lead-Wire
Sn 100% Plat on
Lead free
Copper Wire(0.6Ø)
Marking Tape
Width 5.8mm
Lead free
Paper Tape
Width 6.0mm
Lead free
No.
Component Parts
Material
Remark
Epoxy Bond
ECP-200 Orange
Lead free
Ferrite Core
Ni-Zn Material
Lead free
Lead-Wire
Sn 100% Plat on
Lead free
Copper Wire(0.6Ø)
Marking Tape
Heating Tape
Lead free
Hard Paper
18mm×0.38mm
Lead free
BFW R2B Type
BFD R2F Type
BFW R2F Type
BFR 6010 Type
BEAD Filter


Similar Part No. - CFI06B1H103M

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
CFIII APACER-CFIII Datasheet
2Mb / 4P
   The Industrial CFIII cards
logo
Alpha Wire
CFITCRIMPV4 ALPHAWIRE-CFITCRIMPV4 Datasheet
43Kb / 2P
   CUSTOMER SPECIFICATION
11/28/2008
More results

Similar Description - CFI06B1H103M

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDL2110 SHOULDER-HDL2110 Datasheet
208Kb / 7P
   LC FILTER
HDL2170 SHOULDER-HDL2170 Datasheet
126Kb / 5P
   LC FILTER
HDL2010 SHOULDER-HDL2010 Datasheet
251Kb / 8P
   LC FILTER
HDL2140 SHOULDER-HDL2140 Datasheet
125Kb / 4P
   LC FILTER
HDL2130 SHOULDER-HDL2130 Datasheet
125Kb / 4P
   LC FILTER
HDL2120 SHOULDER-HDL2120 Datasheet
216Kb / 7P
   LC FILTER
logo
Integrated Technology F...
IFL00736 ITF-IFL00736 Datasheet
138Kb / 4P
   LC bandpass filter
IFL01187 ITF-IFL01187 Datasheet
119Kb / 3P
   LC bandpass filter
logo
MTRONPTI
SA0033 MTRONPTI-SA0033 Datasheet
136Kb / 1P
   Diplexer LC Filter
LF9141R MTRONPTI-LF9141R Datasheet
166Kb / 1P
   Bandpass LC Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com