Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL6425-SCC Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGL6425-SCC
Description  Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL6425-SCC Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TGL6425-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGL6425-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGL6425-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGL6425-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGL6425-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGL6425-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGL6425-SCC Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
TGL6425-SCC
Application Notes :
Suggested Driver Cir cuit
OVERVIEW
DRIVER CIRCUIT
SCHEMATIC
The following is a suggested driver circuit for the TriQuint TGL6425-SSC 0.5 to 18 - Ghz
step attenuator. The circuit allows the user to use a digital binary input to achieve the desir ed level
of attenuation; with a digital wor d of “00000” equaling0 -dB r elative attenuation and “11111”
equaling 15.5- dB r elative attenuation. The JFET s (2N5116 or equivalent) provide the r equired level
shift from TTL voltages to attenuation control levels. The 2 - input NOR gates should be CMOS
(74C02 or equivalent) with 0 V applied to the positive supply terminal and -5 V on the negative
supply terminal.
~ 5kOhms
TriQuint Semiconductor, Inc.
Texas Facilities
• (972) 995-8465
• www.triquint.com


Similar Part No. - TGL6425-SCC

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
TGL-100A TALEMA-TGL-100A Datasheet
56Kb / 1P
   TGL Low Profile 1000Base-T Single Port Interface Transformer Modules
TGL-100B TALEMA-TGL-100B Datasheet
56Kb / 1P
   TGL Low Profile 1000Base-T Single Port Interface Transformer Modules
TGL-100C TALEMA-TGL-100C Datasheet
56Kb / 1P
   TGL Low Profile 1000Base-T Single Port Interface Transformer Modules
logo
Diotec Semiconductor
TGL200C2K DIOTEC-TGL200C2K Datasheet
161Kb / 2P
   Blocking Diode and Transient Voltage Suppressor
TGL200F06 DIOTEC-TGL200F06 Datasheet
117Kb / 2P
   Series Connection of Fast Switching Blocking Diode and Transient Voltage Suppressor
More results

Similar Description - TGL6425-SCC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com