Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1701400607 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 1701400607
Description  Accessories Connectors and Cables
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1701400607 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  1701400607 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
All product specifications are subject to change without notice
Last updated : 1-Mar-2007
A. P/N 1701400973
HDD cable, ATA 66/100, 62 cm + 35 cm
B. P/N 1701400972
HDD cable, ATA 66/100, 82 cm + 15 cm
C. P/N 1701400652
HDD cable, ATA 66/100, 45 cm + 20 cm
D. P/N 1701400452
HDD cable, ATA 66/100, 45 cm
A
B
C
D
A. P/N 1701400971
HDD cable, ATA 33, 62 cm + 35 cm
B. P/N 1701400970
HDD cable, ATA 33, 82 cm + 15 cm
C. P/N 1701400607
HDD cable, ATA 33, 60 cm
A. P/N 1701680670
68-pin SCSI LVDS cable, with 2 male connectors
and terminators at both ends, 67 cm
B. P/N 1700000182
68-pin SCSI LVDS cable, with 5 male connectors
and 1 terminator, 125 cm
A. P/N 1701681790
68-pin SCSI LVDS cable, F-6M-T, 179 cm, for
RAID-500U3
B. P/N 1701681560
68-pin SCSI LVDS cable, T-6M-T, 156 cm
C. P/N 1701681100
68-pin SCSI LVDS cable, F-M-M-T, 110 cm
D. P/N 1701680550
68-pin SCSI LVDS cable, F-M-M-T, 53 cm
A. P/N PCA-AUDIO-00A1
Audio extension module (AC-97) provides
Line-in, Mic-in, Aux-in, Line-out,
Speaker-out, CD-in and Buzzer-in from CPU
card
B. P/N PCA-USB4-00A1
USB extension module with 4 ports
P/N 1700000136
S-Video cable, 180 cm
P/N 1700000137
AV cable, 180 cm
P/N 1700340640
FDD cable for two 3.5" FDD
P/N 1700000450
ATX to AT power converter
P/N 1700030500
ATX connector cable from CPU card
to backplane
Connectors and Cables
A
B
C
D
A
B
C
A
B
B
A
Accessories
P/N 1700003194
SATA Cable 7-pin, 180D w/lock,
60 cm
IDT-3030
3.5" docking station with
 Dual USB 2.0 ports
 PS/2 port
 9-pin D-sub port and cables to
motherboard or CPU card


Similar Part No. - 1701400607

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1701400601 ADVANTECH-1701400601 Datasheet
292Kb / 4P
   Embedded Computing Peripherals
More results

Similar Description - 1701400607

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
GPIB_463_464 NI-GPIB_463_464 Datasheet
195Kb / 4P
   GPIB Cables and Accessories
logo
SICK AG
DOL-0804-W05MRN SICK-DOL-0804-W05MRN Datasheet
258Kb / 4P
   Plug connectors and cables
DOL-1204-L25MRN SICK-DOL-1204-L25MRN Datasheet
275Kb / 4P
   Plug connectors and cables
DOL-1205-G10MRN SICK-DOL-1205-G10MRN Datasheet
240Kb / 4P
   Plug connectors and cables
DSL-1204-G0M6RN SICK-DSL-1204-G0M6RN Datasheet
241Kb / 4P
   Plug connectors and cables
SSL-1204-G02MZ90 SICK-SSL-1204-G02MZ90 Datasheet
217Kb / 4P
   Plug connectors and cables
DSL-1204-B02MC SICK-DSL-1204-B02MC Datasheet
247Kb / 4P
   Plug connectors and cables
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Taoglas antenna solutio...
G24.A.W.305111 TAOGLAS-G24.A.W.305111 Datasheet
2Mb / 20P
   Cables and Connectors Customizable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com