Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2304 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGS2304
Description  DC- 20 GHz SP4T PIN Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2304 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGS2304 Datasheet HTML 1Page - TriQuint Semiconductor TGS2304 Datasheet HTML 2Page - TriQuint Semiconductor TGS2304 Datasheet HTML 3Page - TriQuint Semiconductor TGS2304 Datasheet HTML 4Page - TriQuint Semiconductor TGS2304 Datasheet HTML 5Page - TriQuint Semiconductor TGS2304 Datasheet HTML 6Page - TriQuint Semiconductor TGS2304 Datasheet HTML 7Page - TriQuint Semiconductor TGS2304 Datasheet HTML 8Page - TriQuint Semiconductor TGS2304 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
3
TGS2304-SCC
TYPICAL
RETURN LOSS
TYPICAL
INSERTION
LOSS VS. CONTROL
BIAS CURRENT
TYPICAL ISOLATION
VS. CONTROL
BIAS CURRENT


Similar Part No. - TGS2304

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2304-SCC TRIQUINT-TGS2304-SCC Datasheet
393Kb / 18P
   0.2- 20 GHz SP4T PIN Switch
TGS2304-SCC TRIQUINT-TGS2304-SCC_15 Datasheet
393Kb / 18P
   0.2- 20 GHz SP4T PIN Switch
More results

Similar Description - TGS2304

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2304-SCC TRIQUINT-TGS2304-SCC_15 Datasheet
393Kb / 18P
   0.2- 20 GHz SP4T PIN Switch
logo
Custom MMIC Design Serv...
CMD203C4 MMIC-CMD203C4 Datasheet
271Kb / 8P
   DC-20 GHz SP4T Non-reflective Switch
CMD302C4 MMIC-CMD302C4 Datasheet
249Kb / 8P
   DC-20 GHz SP4T Non-reflective Switch
CMD203 MMIC-CMD203 Datasheet
220Kb / 8P
   DC-20 GHz SP4T Non-reflective Switch
logo
Hittite Microwave Corpo...
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC641LC4_1007 HITTITE-HMC641LC4_1007 Datasheet
403Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LP4E HITTITE-HMC641LP4E Datasheet
629Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
   GaAs SP4T Switch DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com