Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS8250-SCC Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGS8250-SCC
Description  SPDT FET Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS8250-SCC Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TGS8250-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGS8250-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGS8250-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGS8250-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGS8250-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGS8250-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGS8250-SCC Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TriQuint Semiconductor Texas : (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
7
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be observed during
handling, assembly and test.
TGS8250-SCC


Similar Part No. - TGS8250-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS8250-SCC TRIQUINT-TGS8250-SCC Datasheet
684Kb / 8P
   SPDT FET Switch
More results

Similar Description - TGS8250-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS8122 TRIQUINT-TGS8122 Datasheet
590Kb / 7P
   SPDT FET Switch
TGS8706 TRIQUINT-TGS8706 Datasheet
541Kb / 7P
   SPDT FET Switch
TGF8250 TRIQUINT-TGF8250_15 Datasheet
684Kb / 8P
   SPDT FET Switch
TGS2306-EPU TRIQUINT-TGS2306-EPU Datasheet
305Kb / 8P
   High Power DC - 18GHz SPDT FET Switch
TGS2306 TRIQUINT-TGS2306_15 Datasheet
361Kb / 8P
   High Power DC - 18GHz SPDT FET Switch
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com