Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008PS-332KL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008PS-332KL
Description  Power Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008PS-332KL Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008PS-332KL Datasheet HTML 1Page - Coilcraft lnc. 1008PS-332KL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 219-2
Power Chip Inductors – 1008PS Series
Typical L vs Frequency
Typical L vs Current
0.01
0.1
110
0.1
1
10
100
1000
10000
Frequency (MHz)
1000 µH
100 µH
10 µH
1µH
0.01
0.1
110
Current (A)
0.1
10
1
100
1000
10000
100 µH
10 µH
1µH
1000 µH
ABCD
E
F
G
max
max
max
max
max
max
typ
H
I
J
0.150 0.149 0.108 0.070 0.102 0.084 0.020 0.100 0.040 0.050
inches
3,81
3,78
2,74
1,78
2,59
2,13
0,51
2,54
1,02
1,27
mm
A
B
FD
C
E
G
I
I
J
H
Recommended
Land Pattern
Terminal wraparound:
approx 0.015/0,38 both ends
Document 219-2
Revised 08/17/09
Irms Derating
-40
-20
0
20
40
60
80
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Core material
Ceramic/Ferrite
Core and winding loss
See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 122 – 132 mg
Ambient temperature –40°C to +105°C with
Irms current, +105°C
to +145°C with derated current
Storage temperature Component: –40°C to +145°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +100 to +350 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/7
″reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.3 mm pocket depth
PCB washing Only pure water or alcohol recommended


Similar Part No. - 1008PS-332KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS-332KL COILCRAFT-1008PS-332KL Datasheet
261Kb / 2P
   Shielded High SRF Inductors
1008PS-332KLB COILCRAFT-1008PS-332KLB Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-332KLC COILCRAFT-1008PS-332KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-332KLD COILCRAFT-1008PS-332KLD Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
1008PS-332KLD COILCRAFT-1008PS-332KLD Datasheet
251Kb / 2P
   Shielded High SRF Inductors - 1008PS
More results

Similar Description - 1008PS-332KL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
   Power Chip Inductors
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com