Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008PS-683KL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008PS-683KL
Description  Power Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008PS-683KL Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008PS-683KL Datasheet HTML 1Page - Coilcraft lnc. 1008PS-683KL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Power Chip Inductors –1008PS Series
Document 219-1
Document 219-1
Revised 08/17/09
Inductance
DCR4
SRF5
Isat (A)6
Irms (A)7
Part
±10%2
Q
max
typ
10%
20%
30%
20°C 40°C
number1
(µH)
min3 (Ohms)
(MHz) drop drop drop
rise
rise
1008PS-102KL_
1.0
35
0.05
387
3.5
3.9
4.2
1.4
2.0
1008PS-152KL_
1.5
35
0.06
276
2.7
3.2
3.5
1.4
2.0
1008PS-182KL_
1.8
35
0.09
253
2.3
2.7
3.0
0.98
1.4
1008PS-222KL_
2.2
36
0.10
228
2.4
2.8
3.1
1.2
1.7
1008PS-272KL_
2.7
38
0.14
207
1.6
2.0
2.3
1.0
1.4
1008PS-332KL_
3.3
26
0.84
199
1.5
1.6
1.6
0.51
0.67
1008PS-392KL_
3.9
38
0.26
185
1.5
1.8
2.0
0.82
1.1
1008PS-472KL_
4.7
38
0.35
160
1.3
1.6
1.7
0.70
0.95
1008PS-562KL_
5.6
38
0.36
150
1.5
1.7
1.8
0.66
0.87
1008PS-682KL_
6.8
38
0.58
120
1.3
1.5
1.6
0.45
0.76
1008PS-103KL_
10
38
0.92
105
0.84
1.0
1.1
0.40
0.59
1008PS-153KL_
15
38
1.15
35
0.81
0.87
0.90 0.36
0.51
1008PS-223KL_
22
40
1.40
26
0.67
0.75
0.79 0.33
0.44
1008PS-333KL_
33
45
1.61
20
0.53
0.61
0.68 0.30
0.42
1008PS-393KL_
39
45
1.85
16
0.49
0.56
0.60 0.28
0.39
1008PS-473KL_
47
45
2.5
19
0.47
0.52
0.54 0.23
0.31
1008PS-683KL_
68
45
3.8
12
0.38
0.42
0.45 0.21
0.26
1008PS-823KL_
82
45
4.3
9.0
0.33
0.38
0.42 0.18
0.26
1008PS-104KL_
100
45
5.8
7.0
0.35
0.38
0.39 0.16
0.20
1008PS-124KL_
120
50
6.3
7.0
0.30
0.33
0.35 0.14
0.20
1008PS-154KL_
150
50
7.5
5.8
0.27
0.30
0.33 0.13
0.18
1008PS-224KL_
220
55
10.0
5.0
0.21
0.24
0.27 0.13
0.17
1008PS-334KL_
330
55
11.5
3.8
0.19
0.21
0.23 0.11
0.15
1008PS-474KL_
470
55
16.3
3.1
0.14
0.17
0.19 0.10
0.13
1008PS-564KL_
560
55
18.1
2.8
0.13
0.15
0.17 0.093 0.12
1008PS-684KL_
680
55
24.0
2.5
0.11
0.15
0.17 0.073 0.11
1008PS-824KL_
820
45
26.0
1.5
0.10
0.12
0.13 0.073 0.10
1008PS-105KL_ 1000
45
29.0
2.0
0.11
0.13
0.14 0.070 0.10
• Shielded power chip inductors
• Excellent current handling for a part this size
1. When ordering, specify termination and packaging codes:
1008PS-105K
LC
Termination: L = RoHS compliant silver-palladium-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
C=7
″ machine-ready reel. EIA-481
embossed plastic tape (750 parts per full
reel).
B= Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D=13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory order
only, not stocked (2500 parts per full
reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, using
Coilcraft SMD-A fixture in Agilent/HP 4263B impedance
analyzer or equivalent.
3. Q measured at 1 MHz using an Agilent/HP 16193 test
fixture and an Agilent/HP 4291 or equivalent.
4. DCR measured on micro-ohmmeter and Coilcraft CCF840
test fixture.
5. SRF measured using a Coilcraft SMD-D test fixture and
an Agilent/HP 8753D network analyzer or equivalent.
6. DC current at which the inductance drops the specicfied
amount from its value without current.
7. Current that causes the specified temperature rise from
25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
For new designs, we recommend the LPS4018 as an
alternative to this series. The LPS4018 series offers a
significantly lower profile and much lower DCR. We will
continue to manufacture and support the 1008PS.


Similar Part No. - 1008PS-683KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS-683KL COILCRAFT-1008PS-683KL Datasheet
261Kb / 2P
   Shielded High SRF Inductors
1008PS-683KLB COILCRAFT-1008PS-683KLB Datasheet
251Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-683KLB COILCRAFT-1008PS-683KLB Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-683KLC COILCRAFT-1008PS-683KLC Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
1008PS-683KLC COILCRAFT-1008PS-683KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
More results

Similar Description - 1008PS-683KL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
   Power Chip Inductors
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com