Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337DH1LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 337DH1LP11000
Description  DC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

337DH1LP11000 Datasheet(HTML) 1 Page - ETRI

  337DH1LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Part Number
Nominal
voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
Additional versions:
337DX in 48 V
337DL1LP11000
12
53,3
43
2600
4,8
(7-13,6)
X
-10
70
53,3
43
2600
5,3
(14-27,6)
X
-10
70
53,3
43
2600
5,8
(28-56)
X
-10
70
61,4
46,5
3000
7,0
(7-13,6)
X
-10
70
61,4
46,5
3000
7,4
(14-27,6)
X
-10
70
3000
7,7
(28-56)
X
-10
70
71,2
49,5
3400
9,8
(7-13,6)
X
-10
70
0
9,8
(14-27,6)
X
-10
70
337DH4LP11000
48
71,2
49,5
3400
10,1
(28-56)
X
-10
70
79,3
52,5
3800
13,0
(7-13,6)
X
-10
70
79,3
52,5
3800
13,0
(14-27,6)
X
-10
70
2,5
3800
10,1
(28-56)
X
-10
70
87,3
55,5
4200
16,8
(7-13,6)
X
-10
70
5,5
4200
16,8
(14-27,6)
X
-10
70
94,4
58,5
4600
22,1
(7-13,6)
X
-10
60
8,5
4600
22,1
(14-27,6)
X
-10
60
V
l/s
dB(A)
RPM
W
V
Leads
Terminals
Min.°C
Max.°C
337DL2LP11000
24
337DL4LP11000
48
337DM1LP11000
12
337DM2LP11000
24
337DM4LP11000
48
61,4
46,5
337DH1LP11000
12
337DH2LP11000
24
71,2
49,5
340
337DS1LP11000
12
337DS2LP11000
24
337DS4LP11000
48
79,3
5
337DX1LP11000
12
337DX2LP11000
24
87,3
5
337DZ1LP11000
12
337DZ2LP11000
24
94,4
5
Connection type
Airflow: l/s
Airflow: l/s
337DM
337DL
337DS
337DH
337DZ
337DX
Airflow: CFM
Airflow: CFM
Accessories:
Refer to Accessories leaflet
DC Axial Fans
L-10 LIFE AT 40°C:
70 000 hours
Life expectancy
Approvals
R
R
RoHS
Brushless DC Motor
Electrical protection: impedance protected
Housing material: plastic UL 94 VO
Impeller material: plastic UL 94 VO
Weight: 370 g
Bearing system: ball bearings
Available with:
- Speed sensor
- Alarm
- IP54 / IP55
127x127x38mm
5’’ x 5” x 1,496’’
337D
Series


Similar Part No. - 337DH1LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
337DX1LP11000A ETRI-337DX1LP11000A Datasheet
179Kb / 1P
   DC Axial Fans
337DX1LP11000A ETRI-337DX1LP11000A_16 Datasheet
179Kb / 1P
   DC Axial Fans
337DX2LP11000A ETRI-337DX2LP11000A Datasheet
179Kb / 1P
   DC Axial Fans
337DX4LP11000A ETRI-337DX4LP11000A Datasheet
179Kb / 1P
   DC Axial Fans
337DY1LP11000A ETRI-337DY1LP11000A Datasheet
179Kb / 1P
   DC Axial Fans
More results

Similar Description - 337DH1LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com