Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

354DX2LM11000 Datasheet(PDF) 1 Page - ETRI

Part # 354DX2LM11000
Description  DC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

354DX2LM11000 Datasheet(HTML) 1 Page - ETRI

  354DX2LM11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Part Number
Nominal
voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
Additional versions:
Lower speeds (Refer to page 35)
354DS1LM11000
12
132,0
57,5
3700
25,3
(8-14)
X
-10
70
132,0
57,5
3700
20,4
(12-28)
X
-10
70
132,0
57,5
3700
23,5
(24-56)
X
-10
70
60
4000
26,4
(12-28)
X
-10
70
142,7
60
4000
30,7
(24-56)
X
-10
70
63
4300
32,9
(12-28)
X
-10
70
V
l/s
dB(A)
RPM
W
V
Leads
Terminals
Min.°C
Max.°C
354DS2LM11000
24
354DS4LM11000
48
354DX2LM11000
12
142,7
354DX4LM11000
24
354DZ2LM11000
48
153,3
Connection type
Airflow: l/s
Airflow: l/s
354DS
354DX
354DZ
Airflow: CFM
Airflow: CFM
Accessories:
Refer to Accessories leaflet
DC Axial Fans
L-10 LIFE AT 40°C:
80 000 hours
Life expectancy
Approvals
R
R
RoHS
Brushless DC Motor
Electrical protection: impedance protected
Housing material: aluminium
Impeller material: plastic UL 94 VO
Weight: 840 g
Bearing system: ball bearings
Available with:
- Speed sensor
- Alarm
- IP54 / IP55
Air
7.5
7.5
ø172±0.5
162±0.3
50.8
+0.8
320±10
10
10
-0.3
Ø172x50mm
Ø 6,77’’ x 1,968’’
354D
Series
S, X, Z
speeds


Similar Part No. - 354DX2LM11000

ManufacturerPart #DatasheetDescription
logo
ETRI
354DX2LM11000 ETRI-354DX2LM11000 Datasheet
163Kb / 1P
   DC Axial Fans
More results

Similar Description - 354DX2LM11000

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com