Electronic Components Datasheet Search |
|
B41231C3399M000 Datasheet(PDF) 3 Page - EPCOS |
|
B41231C3399M000 Datasheet(HTML) 3 Page - EPCOS |
3 / 20 page Specifications and characteristics in brief Rated voltage VR 10 ... 100 V DC Surge voltage VS 1.15 VR Rated capacitance CR 1200 ... 68000 µF Capacitance tolerance ±20% M Dissipation factor (max.) (20 °C, 120 Hz) VR (V DC) 10 16 25 35 50 63 80 100 tan δ 0.50 0.50 0.40 0.40 0.30 0.25 0.20 0.15 Leakage current Ileak (20 °C, after 5 minutes) Useful life 85 °C; V R; IAC,R > 2000 h Requirements: ∆C/C ≤ 20% of initial value tan δ ≤ 2 times initial specified limit Ileak ≤ initial specified limit Shelf life After storage for 1000 h at 85 °C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement. Operating temperature range 40 °C ... +85 °C Characteristics at low temperature Max. impe- dance ratio at 120 Hz VR 10 V 16 ... 100 V Z -25 °C / Z 20 °C 5 4 Z -40 °C / Z 20 °C 18 15 Sectional specification IEC 60384-4 B41231 Standard series 85 °C Page 3 of 20 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B41231C3399M000 |
|
Similar Description - B41231C3399M000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |