Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41605A7398M002 Datasheet(PDF) 7 Page - EPCOS

Part # B41605A7398M002
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41605A7398M002 Datasheet(HTML) 7 Page - EPCOS

Back Button B41605A7398M002 Datasheet HTML 3Page - EPCOS B41605A7398M002 Datasheet HTML 4Page - EPCOS B41605A7398M002 Datasheet HTML 5Page - EPCOS B41605A7398M002 Datasheet HTML 6Page - EPCOS B41605A7398M002 Datasheet HTML 7Page - EPCOS B41605A7398M002 Datasheet HTML 8Page - EPCOS B41605A7398M002 Datasheet HTML 9Page - EPCOS B41605A7398M002 Datasheet HTML 10Page - EPCOS B41605A7398M002 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Snap-in version with
3 terminals
Ordering code
Version with wired
terminals
Ordering code
Up to 40 g vibration
stability version with
wired terminals
25
6800
22
× 40
B41605B5688M002 B41605B5688M008 B41605B5688M009
9000
25
× 40
B41605A5908M002 B41605A5908M008 B41605A5908M009
12000
25
× 50
B41605A5129M002 B41605A5129M008 B41605A5129M009
18000
30
× 50
B41605A5189M002 B41605A5189M008 B41605A5189M009
27000
35
× 50
B41605A5279M002 B41605A5279M008 B41605A5279M009
40
3900
22
× 40
B41605A7398M002 B41605A7398M008 B41605A7398M009
5100
25
× 40
B41605A7518M002 B41605A7518M008 B41605A7518M009
6800
25
× 50
B41605A7688M002 B41605A7688M008 B41605A7688M009
10000
30
× 50
B41605A7109M002 B41605A7109M008 B41605A7109M009
15000
35
× 50
B41605A7159M002 B41605A7159M008 B41605A7159M009
55
2500
22
× 40
B41605A0258M002 B41605A0258M008 B41605A0258M009
3300
25
× 40
B41605A0338M002 B41605A0338M008 B41605A0338M009
4700
25
× 50
B41605A0478M002 B41605A0478M008 B41605A0478M009
6800
30
× 50
B41605A0688M002 B41605A0688M008 B41605A0688M009
10000
35
× 50
B41605A0109M002 B41605A0109M008 B41605A0109M009
63
2000
22
× 40
B41605A8208M002 B41605A8208M008 B41605A8208M009
2700
25
× 40
B41605B8278M002 B41605B8278M008 B41605B8278M009
3900
25
× 50
B41605A8398M002 B41605A8398M008 B41605A8398M009
5600
30
× 50
B41605B8568M002 B41605B8568M008 B41605B8568M009
8100
35
× 50
B41605A8818M002 B41605A8818M008 B41605A8818M009
B41605
Automotive
compact
Page 7 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41605A7398M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41605A7308M002 EPCOS-B41605A7308M002 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41605A7308M009 EPCOS-B41605A7308M009 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41605A7388M002 EPCOS-B41605A7388M002 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41605A7388M009 EPCOS-B41605A7388M009 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
More results

Similar Description - B41605A7398M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com