Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41002A4475M016 Datasheet(PDF) 3 Page - EPCOS

Part # B41002A4475M016
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41002A4475M016 Datasheet(HTML) 3 Page - EPCOS

  B41002A4475M016 Datasheet HTML 1Page - EPCOS B41002A4475M016 Datasheet HTML 2Page - EPCOS B41002A4475M016 Datasheet HTML 3Page - EPCOS B41002A4475M016 Datasheet HTML 4Page - EPCOS B41002A4475M016 Datasheet HTML 5Page - EPCOS B41002A4475M016 Datasheet HTML 6Page - EPCOS B41002A4475M016 Datasheet HTML 7Page - EPCOS B41002A4475M016 Datasheet HTML 8Page - EPCOS B41002A4475M016 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Single-ended capacitors
B41002
Compact – 85
°C
3
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Rated voltage VR
6.3 … 63 V DC
Operating temperature range
–40
°C … +85 °C
Rated capacitance CR
(20
°C, 120 Hz)
0.1 … 330
µF
Capacitance tolerance
±20% M
Load life
(85
°C, VR, IAC,R)
1000 h
Requirements:
∆C/C ≤ ±20% of initial value
tan
δ≤ 2 times initial specified value
Ileak
≤ initial specified limit
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000
µF add 0.02 for every increase
of 1000
µF
VR (V DC) 6.3
10
16
25
35
50
63
tan
δ
0.24
0.20
0.16
0.14
0.12
0.10 0.08
Leakage current Ileak
(20
°C, after 5 minutes)
Low temperature stability
(impedance ratio)
(120 Hz)
VR (V DC)
6.3
10 ... 16
25 ... 63
75
4
Shelf life
After storage for 500 h at 85
°C, the capacitors shall meet the
requirement of load life test after reforming process. After test: VR
to be applied for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier
for rated ripple current
50 Hz
120 Hz 1 kHz
≥10 kHz
6.3 V ... 16 V
0.8
1.0
1.1
1.2
25 V ... 35 V
0.8
1.0
1.5
1.7
50 V ... 63 V
0.8
1.0
1.6
1.9
Temperature multiplier for rated
ripple current
+50
°C+70 °C+85 °C
1.50
1.27
1.00
Ileak 0.01 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞ or 3 µA, whichever is greater
Z40 °C
()
Z +20 °C
()
---------------------------


Similar Part No. - B41002A4475M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41002A4475M016 EPCOS-B41002A4475M016 Datasheet
374Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B41002A4475M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com