Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2012C0G104D6R3NBB Datasheet(PDF) 7 Page - SAMWHA ELECTRIC

Part # CS2012C0G104D6R3NBB
Description  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CS2012C0G104D6R3NBB Datasheet(HTML) 7 Page - SAMWHA ELECTRIC

Back Button CS2012C0G104D6R3NBB Datasheet HTML 3Page - SAMWHA ELECTRIC CS2012C0G104D6R3NBB Datasheet HTML 4Page - SAMWHA ELECTRIC CS2012C0G104D6R3NBB Datasheet HTML 5Page - SAMWHA ELECTRIC CS2012C0G104D6R3NBB Datasheet HTML 6Page - SAMWHA ELECTRIC CS2012C0G104D6R3NBB Datasheet HTML 7Page - SAMWHA ELECTRIC CS2012C0G104D6R3NBB Datasheet HTML 8Page - SAMWHA ELECTRIC CS2012C0G104D6R3NBB Datasheet HTML 9Page - SAMWHA ELECTRIC CS2012C0G104D6R3NBB Datasheet HTML 10Page - SAMWHA ELECTRIC CS2012C0G104D6R3NBB Datasheet HTML 11Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Multi Layer Ceramic Capacitors
17
SMD Type-High Voltage
SAMWHA CAPACITOR Co., Ltd.
16
COG-Temperature Compensation Type
Appendix High Voltage Type(100V~3000V)
1608(0603) 2012(0805)
3216(1206)
3225(1210)
4520(1808)
4532(1812)
100 250 100 250 100 250 630 1000 2000 100 250 630 1000 2000 100 250 630 1000 2000 3000 100 250 630 1000 2000 3000
Type
Size(inch)
Cap.
4.7㎊(4R7)
5㎊(050)
7㎊(070)
8㎊(080)
9㎊(090)
10㎊(100)
12㎊(120)
15㎊(150)
18㎊(180)
22㎊(220)
47㎊(470)
56㎊(560)
68㎊(680)
82㎊(820)
100㎊(101)
220㎊(221)
330㎊(331)
470㎊(471)
560㎊(561)
680㎊(681)
1000㎊(102)
1500㎊(152)
2200㎊(222)
2700㎊(272)
3300㎊(332)
4700㎊(472)
5600㎊(562)
6800㎊(682)
10000㎊(103)
15000㎊(153)
22000㎊(223)
33000㎊(333)
Volt(V)
High voltage type
C0G
X7R-High Dielectric Type
1608(0603) 2012(0805)
3216(1206)
3225(1210)
4520(1808)
4532(1812)
100 250 100 250 100 250 630 1000 2000 100 250 630 1000 2000 100 250 630 1000 2000 3000 100 250 630 1000 2000 3000
Type
Size(inch)
Cap.
220㎊(221)
330㎊(331)
470㎊(471)
680㎊(681)
1000㎊(102)
1500㎊(152)
2200㎊(222)
3300㎊(332)
4700㎊(472)
5600㎊(562)
6800㎊(682)
10000㎊(103)
15000㎊(153)
18000㎊(183)
22000㎊(223)
33000㎊(333)
47000㎊(473)
68000㎊(683)
0.1㎌(104)
0.15㎌(154)
0.22㎌(224)
0.33㎌(334)
0.47㎌(474)
0.68㎌(684)
1.0㎌(105)
2.2㎌(225)
Volt(V)
High voltage type
X7R


Similar Part No. - CS2012C0G104D6R3NBB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS2012 ETC-CS2012 Datasheet
3Mb / 7P
   Typical Performance Characteristics
logo
Transko Electronics, In...
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
logo
CUI INC
CS20120B CUI-CS20120B Datasheet
340Kb / 4P
   CURRENT SENSOR
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS201212-100K BOURNS-CS201212-100K Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
More results

Similar Description - CS2012C0G104D6R3NBB

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com