Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41231B4339M000 Datasheet(PDF) 7 Page - EPCOS

Part # B41231B4339M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41231B4339M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41231B4339M000 Datasheet HTML 3Page - EPCOS B41231B4339M000 Datasheet HTML 4Page - EPCOS B41231B4339M000 Datasheet HTML 5Page - EPCOS B41231B4339M000 Datasheet HTML 6Page - EPCOS B41231B4339M000 Datasheet HTML 7Page - EPCOS B41231B4339M000 Datasheet HTML 8Page - EPCOS B41231B4339M000 Datasheet HTML 9Page - EPCOS B41231B4339M000 Datasheet HTML 10Page - EPCOS B41231B4339M000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,R
120 Hz
85
°C
A
Ordering code
VR = 10 V DC
12000
22
× 25
0.50
6.55
3.31
B41231A3129M000
15000
22
× 30
0.50
7.56
3.82
B41231A3159M000
15000
25.4
× 25
0.50
6.71
3.39
B41231B3159M000
18000
22
× 35
0.50
8.47
4.28
B41231A3189M000
18000
25.4
× 25
0.50
8.26
4.17
B41231B3189M000
22000
22
× 40
0.50
9.48
4.79
B41231A3229M000
22000
25.4
× 30
0.50
9.33
4.71
B41231B3229M000
22000
30
× 25
0.50
9.56
4.83
B41231C3229M000
27000
22
× 45
0.50
10.49
5.30
B41231A3279M000
27000
25.4
× 35
0.50
10.41
5.26
B41231B3279M000
27000
30
× 30
0.50
10.71
5.41
B41231C3279M000
33000
22
× 50
0.50
11.52
5.82
B41231A3339M000
33000
25.4
× 40
0.50
11.50
5.81
B41231B3339M000
33000
30
× 30
0.50
11.27
5.69
B41231C3339M000
33000
35
× 25
0.50
11.50
5.81
B41231D3339M000
39000
25.4
× 45
0.50
12.49
6.31
B41231A3399M000
39000
30
× 35
0.50
12.32
6.22
B41231B3399M000
39000
35
× 30
0.50
12.63
6.38
B41231C3399M000
47000
25.4
× 50
0.50
13.52
6.83
B41231A3479M000
47000
30
× 40
0.50
13.42
6.78
B41231B3479M000
47000
35
× 30
0.50
13.11
6.62
B41231C3479M000
56000
30
× 45
0.50
14.47
7.31
B41231A3569M000
56000
35
× 35
0.50
14.22
7.18
B41231B3569M000
68000
35
× 40
0.50
15.36
7.76
B41231A3689M000
VR = 16 V DC
10000
22
× 25
0.50
6.57
3.32
B41231A4109M000
12000
22
× 30
0.50
7.03
3.55
B41231A4129M000
12000
25.4
× 25
0.50
7.70
3.89
B41231B4129M000
15000
22
× 35
0.50
8.49
4.29
B41231A4159M000
15000
25.4
× 30
0.50
8.81
4.45
B41231B4159M000
15000
30
× 25
0.50
9.03
4.56
B41231C4159M000
18000
22
× 40
0.50
9.44
4.77
B41231A4189M000
18000
25.4
× 35
0.50
9.82
4.96
B41231B4189M000
18000
30
× 30
0.50
10.10
5.10
B41231C4189M000
22000
22
× 50
0.50
10.91
5.51
B41231A4229M000
22000
25.4
× 40
0.50
10.91
5.51
B41231B4229M000
22000
30
× 30
0.50
10.67
5.39
B41231C4229M000
27000
25.4
× 45
0.50
12.00
6.06
B41231A4279M000
B41231
Standard series
85
°C
Page 7 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41231B4339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41231B4339M000 EPCOS-B41231B4339M000 Datasheet
975Kb / 23P
   Aluminum electrolytic capacitors
B41231B4339M000 EPCOS-B41231B4339M000 Datasheet
327Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B41231B4339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com