Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41252B4339M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41252B4339M000
Description  Aluminum electrolytic capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252B4339M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41252B4339M000 Datasheet HTML 5Page - EPCOS B41252B4339M000 Datasheet HTML 6Page - EPCOS B41252B4339M000 Datasheet HTML 7Page - EPCOS B41252B4339M000 Datasheet HTML 8Page - EPCOS B41252B4339M000 Datasheet HTML 9Page - EPCOS B41252B4339M000 Datasheet HTML 10Page - EPCOS B41252B4339M000 Datasheet HTML 11Page - EPCOS B41252B4339M000 Datasheet HTML 12Page - EPCOS B41252B4339M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
9
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Overview of available types B43252
VR
(V DC)
350
400
450
500
Case dimensions d
× l (mm)
CR (µF)
47
22
× 20
22
× 25
25.4
× 20
56
22
× 20
22
× 25
25.4
× 20
22
× 30
25.4
× 30
30
× 20
68
22
× 20
22
× 25
25.4
× 20
22
× 30
25.4
× 25
30
× 20
22
× 40
25.4
× 35
30
× 25
35
× 20
82
22
× 25
25.4
× 20
22
× 30
25.4
× 25
30
× 20
22
× 35
25.4
× 30
30
× 20
22
× 45
25.4
× 40
30
× 30
35
× 25
100
22
× 25
25.4
× 25
30
× 20
22
× 35
25.4
× 30
30
× 20
22
× 40
25.4
× 30
30
× 25
35
× 20
22
× 50
25.4
× 45
30
× 35
35
× 30
120
22
× 30
25.4
× 25
30
× 20
22
× 40
25.4
× 30
30
× 25
35
× 20
22
× 45
25.4
× 35
30
× 30
35
× 25
25.4
× 50
30
× 40
35
× 30
150
22
× 40
25.4
× 30
30
× 25
35
× 20
22
× 45
25.4
× 35
30
× 30
35
× 20
22
× 50
25.4
× 40
30
× 30
35
× 25
30
× 45
35
× 35
180
22
× 45
25.4
× 35
30
× 30
35
× 20
22
× 50
25.4
× 40
30
× 30
35
× 25
25.4
× 45
30
× 35
35
× 30
30
× 50
35
× 40
220
22
× 50
25.4
× 40
30
× 30
35
× 25
25.4
× 45
30
× 35
35
× 30
25.4
× 50
30
× 40
35
× 30
35
× 45
270
25.4
× 45
30
× 35
35
× 30
25.4
× 50
30
× 40
35
× 30
30
× 45
35
× 35
35
× 50
330
30
× 40
35
× 35
30
× 45
35
× 35
30
× 50
35
× 40
390
30
× 45
35
× 40
30
× 50
35
× 40
35
× 45
470
35
× 45
35
× 45
35
× 50
560
35
× 50
35
× 50
AEC-C_B41252_B43252.book Seite 9 Mittwoch, 16. April 2008 1:08 13


Similar Part No. - B41252B4339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41252B4339M000 EPCOS-B41252B4339M000 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B41252B4339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com