Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41607A0128M009 Datasheet(PDF) 3 Page - EPCOS

Part # B41607A0128M009
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607A0128M009 Datasheet(HTML) 3 Page - EPCOS

  B41607A0128M009 Datasheet HTML 1Page - EPCOS B41607A0128M009 Datasheet HTML 2Page - EPCOS B41607A0128M009 Datasheet HTML 3Page - EPCOS B41607A0128M009 Datasheet HTML 4Page - EPCOS B41607A0128M009 Datasheet HTML 5Page - EPCOS B41607A0128M009 Datasheet HTML 6Page - EPCOS B41607A0128M009 Datasheet HTML 7Page - EPCOS B41607A0128M009 Datasheet HTML 8Page - EPCOS B41607A0128M009 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Specifications and characteristics in brief
Rated voltage VR
25 ... 63 V DC
Surge voltage VS
1.15
VR
Rated capacitance CR
900 ... 4700 µF
Capacitance tolerance
±20%
M
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL
15 nH
Useful life
Requirements:
125
°C; V
R; IAC,R
> 10000 h
∆C/C
≤ ±30% of initial value
85
°C; V
R; 2.1
IAC,R
> 30000 h
ESR
≤ 3 times initial specified limit
40
°C; V
R; 2.1
IAC,R
> 500000 h
Ileak
≤ initial specified limit
Voltage endurance test
Post test requirements:
125
°C; V
R
5000 h
∆C/C
≤ ±10% of initial value
ESR
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
40 g vibration stability version
Snap-in version with 3 terminals
and version with wired terminals
Displacement amplitude 3 mm,
frequency range 10 Hz ... 2 kHz,
acceleration max. 40 g,
duration 3
× 2 h.
Capacitor mounted by its body
which is rigidly clamped to the work
surface.
Displacement amplitude 0.75 mm,
frequency range 10 Hz ... 2 kHz,
acceleration max. 10 g,
duration 3
× 2 h.
Capacitor mounted by its body
which is rigidly clamped to the
work surface.
IEC climatic category
To IEC 60068-1:
55/125/56 ( 55
°C/+ 125 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-809
IEC 60384-4
B41607
Automotive
Page 3 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41607A0128M009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
174Kb / 8P
   Snap-In Capacitors Automotive Up to 150
B41607A0118M009 EPCOS-B41607A0118M009 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607A0158M002 EPCOS-B41607A0158M002 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607A0158M002 EPCOS-B41607A0158M002 Datasheet
174Kb / 8P
   Snap-In Capacitors Automotive Up to 150
More results

Similar Description - B41607A0128M009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com